Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R622U-RJ6P-2000-A Datasheet(PDF) 35 Page - YAMAHA CORPORATION

Part # Y-CONC-R622U-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R622U-RJ6P-2000-A Datasheet(HTML) 35 Page - YAMAHA CORPORATION

Back Button Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 32Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 33Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 35Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 36Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 37Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 38Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 39Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
34
Description:
Y-ConFlange adapter modules for use with
Y-ConUSB-PCB-**Jacks
Y-ConFlange Adaptergehäuse für die
Y-ConUSB-PCB-** Buchsen
Material:
PBT, black
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Part Number
Colour
Y-ConFlange-10
Blue
Y-ConFlange-10-B
Black
Part Number
Adapter Use
Y-ConUSB-Adapter-10
for all USB-A modules
Y-ConUSB-Adapter-20
for all USB-B modules
Series
Design Number
(see table below)
Y-ConUSB-Adapter - **
Part Number (Details)
Outline Dimensions
Description:
Universal
mounting flange with an integrated
2C seal (also in the screw area) to ensure IP6*
protection when mounted with Y-ConCover-10-*
Universeller
Gehäuseflansch mit integrierter 2K-Dichtung
(auch im Schraubbereich). Damit sind für Y-ConCover-10-*
im montierten Zustand die Schutzarten IP6* gewährleistet
Material:
Flange Body
PBT, UL94V-0
Flanschgehäuse
Flange Seal
TPE, UL94 HB
Flanschdichtung
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Series
Design Number
No Mark = Blue
B = Black
Y-ConFlange - 10 - *
Part Number (Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com