Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R622U-RJ6P-2000-A Datasheet(PDF) 26 Page - YAMAHA CORPORATION

Part # Y-CONC-R622U-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R622U-RJ6P-2000-A Datasheet(HTML) 26 Page - YAMAHA CORPORATION

Back Button Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 22Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 23Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 24Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 25Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 26Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 27Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 28Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 29Page - YAMAHA CORPORATION Y-CONC-R622U-RJ6P-2000-A Datasheet HTML 30Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
25
Industrial Cables
Conductor
Resistance
Insulation
Resistance
Dielectric
Strength
Capacitance
Characteristic
Impedance
Near-end
Crosstalk
Flame
Resistance
Halogen
Free
Data <140
Ω x km
>1G
Ω x km
500V / 50Hz
50nF / km
100 +/- 15
Ω
100Mhz
IEC 332-1
Yes
Power <62
Ω x km
for 1 min
at 800Hz
at 1Mhz to 100Mhz
> 32dB / 100m
Conductor
Resistance
Insulation
Resistance
Dielectric
Strength
Capacitance
Characteristic
Impedance
Near-end
Crosstalk
Flame
Resistance
Halogen
Free
Data <60
Ω x km
>500M
Ω x km
2,000V / 50Hz
53nF / km
100 +/- 15
Ω
100Mhz
UL- Style 20963
Yes
for 1 min
at 800Hz
at 1Mhz to 100Mhz
> 50dB / 100m
Conductor
Resistance
Insulation
Resistance
Dielectric
Strength
Capacitance
Characteristic
Impedance
Near-end
Crosstalk
Flame
Resistance
Halogen
Free
Data <90
Ω x km
>1G
Ω x km
500V / 50Hz
50nF / km
100 +/- 15
Ω
100Mhz
IEC 332-1
No
Power <55
Ω x km
for 1 min
at 800Hz
at 1Mhz to 100Mhz
> 32dB / 100m
Conductor
Resistance
Insulation
Resistance
Dielectric
Strength
Capacitance
Characteristic
Impedance
Near-end
Crosstalk
Flame
Resistance
Halogen
Free
Data <90
Ω x km
>1G
Ω x km
500V / 50Hz
50nF / km
100 +/- 15
Ω
100Mhz
IEC 332-1
No
for 1 min
at 800Hz
at 1Mhz to 100Mhz
> 32dB / 100m
Conductor
Resistance
Insulation
Resistance
Dielectric
Strength
Capacitance
Characteristic
Impedance
Near-end
Crosstalk
Flame
Resistance
Halogen
Free
Data <140
Ω x km
>140M
Ω x km
700V / 50Hz
48nF / km
100 +/- 15
Ω
100Mhz
UL- Style 20963
Yes
for 1 min
at 1,000Hz
at 1Mhz to 100Mhz
> 32dB / 100m
Conductor Resistance
Insulation
Resistance
Dielectric
Strength
Capacitance
Characteristic
Impedance
Near-end
Crosstalk
Flame
resistance
Halogen
Free
Data <140
Ω x km
>150M
Ω x km
1,000V / 50Hz
48nF / km
100 +/- 15
Ω
100Mhz
UL- Style 20963
Yes
Power <75
Ω x km
for 1 min
at 1,000Hz
at 1Mhz to 100Mhz
> 35dB / 100m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com