Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3110 Datasheet(PDF) 28 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 24Page - Texas Instruments TNETX3110 Datasheet HTML 25Page - Texas Instruments TNETX3110 Datasheet HTML 26Page - Texas Instruments TNETX3110 Datasheet HTML 27Page - Texas Instruments TNETX3110 Datasheet HTML 28Page - Texas Instruments TNETX3110 Datasheet HTML 29Page - Texas Instruments TNETX3110 Datasheet HTML 30Page - Texas Instruments TNETX3110 Datasheet HTML 31Page - Texas Instruments TNETX3110 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
JTAG interface
The TNETX3110 is fully IEEE Std 1149.1 compliant. It also includes on-chip pullup resistors on the five JTAG
terminals to eliminate the need for external ones. All JTAG inputs and outputs are 3.3-V tolerant.
The following instructions are supported:
D EXTEST, BYPASS, and SAMPLE/PRELOAD
D HIGHZ and IDCODE
D Private (various private instructions are used by TI for test purposes)
The opcodes for the various instructions (6-bit instruction register) are shown in Table 7.
Table 7. JTAG Instruction Opcodes
INSTRUCTION
TYPE
INSTRUCTION
NAME
JTAG
OPCODE
Mandatory
EXTEST
000000
Mandatory
SAMPLE/PRELOAD
000001
Optional
IDCODE
000100
Optional
HIGHZ
000101
Optional
RACBIST
000110
Private
TI testing
Others
Mandatory
BYPASS
111111
HIGHZ instruction
When selected, the HIGHZ instruction causes all outputs and bidirectional pins to become high impedance. All
pullup and pulldown resistors are disabled.
LED interface
This interface allows a visual status for each port to be displayed. In addition, the state of the internal flow control
and fault functions are displayed along with 12 software-controllable LEDs.
Each port has a single LED, which can convey three states (see Table 8).
Table 8. LED States
STATE
DISPLAY
No link
Off
Link, but no activity
On
Activity (bits moving)
Flashing at 8 Hz
The interface is intended for use with external octal shift registers clocked with LEDCLK. Every 16th of a second,
all the status bits are shifted out via LEDDATA.
The status bits are shifted out in one of two possible orders, as determined by slast in LEDControl, to ensure
that systems that do not require all the LED status can be implemented with the minimum number of octal shift
registers (see Table 9).
D If slast = 0, the software-controlled status bits are shifted out before the port status bits.
D If slast = 1, the software-controlled status bits are shifted out after the port status bits.
The fault status bit is shifted out last, enabling a minimal system that displays only the fault status to be
implemented without any shift registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com