Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3110 Datasheet(PDF) 38 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 34Page - Texas Instruments TNETX3110 Datasheet HTML 35Page - Texas Instruments TNETX3110 Datasheet HTML 36Page - Texas Instruments TNETX3110 Datasheet HTML 37Page - Texas Instruments TNETX3110 Datasheet HTML 38Page - Texas Instruments TNETX3110 Datasheet HTML 39Page - Texas Instruments TNETX3110 Datasheet HTML 40Page - Texas Instruments TNETX3110 Datasheet HTML 41Page - Texas Instruments TNETX3110 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
frame routing
VLAN support
The internal routing engine supports the IEEE Std 802.1Q VLANs as shown in Figure 7 and described in the
following paragraphs.
Source
and
Destination
Lookups
IEEE Std
802.1Q
Format
Frame
Header
Non-
IEEE Std
802.1Q
Format
Frame
Receive
Header
Header
Inserted
If
rxacc = 1
Header Inserted
Queue
Manager
RAM
Queue
Manager
Header
IEEE Std
802.1Q
Format
Frame
Header
Non-
IEEE Std
802.1Q
Format
Frame
Transmit
Source Port’s
PortxQtag
Inserted
VLAN ID
Reset 0x0001
Header
Stripped
Header
Retained
VLANnQID
VLAN ID
Lookup
Source Address (SA)
Destination Address (DA)
Reset
1st Location:
0x001
All Others:
0x000
No Match
VLAN and
Ethernet
Addresses
VLAN ADDR
Reset to
All 0s
SA
DA
VLAN
VLAN
Index
Frame-Routing
Algorithm
UnkUniPorts
UnkMultiPorts
UnkSrcPorts
UnkVLANPort
TxBlockPorts
RxUniBlockPorts
RxMultiBlockPorts
MirrorPort
UplinkPort
TrunkMapx
TrunkxPorts
NLearnPorts
Source Port Number
Port Routing Code
Port Numbers,
Time Stamps
Locked, Secure,
NBLCK, New
Port Information
Reset is
Don’t Care
Record
Number
No
Match
Port
Information
All Ports
Portxcontrol
VLAN
Ports
Nauto
UnkVLAN
Lshare
Disable
VLANnPorts
Reset to
All 1s
IALE
If (equal or
txacc = 1)
Then Strip Header,
Otherwise,
Keep Header
If VLAN ID = 0x000
VLAN ID Replaced
Header
Possibly
Inserted
Nage
Mirror
SysControl
Unicast/
Multicast
Compare
VLAN IDs
Figure 7. VLAN Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com