Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3110 Datasheet(PDF) 52 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 48Page - Texas Instruments TNETX3110 Datasheet HTML 49Page - Texas Instruments TNETX3110 Datasheet HTML 50Page - Texas Instruments TNETX3110 Datasheet HTML 51Page - Texas Instruments TNETX3110 Datasheet HTML 52Page - Texas Instruments TNETX3110 Datasheet HTML 53Page - Texas Instruments TNETX3110 Datasheet HTML 54Page - Texas Instruments TNETX3110 Datasheet HTML 55Page - Texas Instruments TNETX3110 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10-Mbit/s interface (ports 00–07)
timing requirements (see Notes 3 through 6 and Figure 12)
NO.
MIN
MAX
UNIT
1
tc(TH2CLK)
Cycle time, TH2CLK
50
58
ns
2
Tw(TH2CLK)
Pulse duration, TH2CLK high or low
23
27
ns
3
tsu(TH2SYNC)
Setup time, TH2SYNC high before TH2CLK
↓
8
ns
4
tsu(TH2COL)
Setup time, TH2COL high before TH2CLK
↑
8
ns
4
tsu(TH2CRS)
Setup time, TH2CRS high before TH2CLK
↑
8
ns
4
tsu(TH2LINK)
Setup time, TH2LINK high before TH2CLK
↑
8
ns
4
tsu(TH2RXD)
Setup time, TH2RXD3–TH2RXD0 valid before TH2CLK
↑
8
ns
4
tsu(TH2RXDV)
Setup time, TH2RXDV high before TH2CLK
↑
8
ns
5
th(TH2SYNC)
Hold time, TH2SYNC high after TH2CLK
↓
8
ns
6
th(TH2COL)
Hold time, TH2COL high after TH2CLK
↑
8
ns
6
th(TH2CRS)
Hold time, TH2CRS high after TH2CLK
↑
8
ns
6
th(TH2LINK)
Hold time, TH2LINK high after TH2CLK
↑
8
ns
6
th(TH2RXD)
Hold time, TH2RXD3–TH2RXD0 valid after TH2CLK
↑
8
ns
6
th(TH2RXV)
Hold time, TH2RXDV high after TH2CLK
↑
8
ns
tr(TH2CLK)
Rise time, TH2CLK
2
ns
tf(TH2CLK)
Fall time, TH2CLK
2
ns
NOTES:
3. The TNETE2008 must supply at least two TH2SYNC pulses under normal conditions before driving valid data on the inputs to the
TNETX3110, or before expecting valid data on the outputs from the TNETX3110. This means that at least two full sequences must
be executed; only with the third TH2SYNC pulse is valid data presented/expected.
4. At least two clocks must be driven before the deassertion of the system reset signal, and a minimum of two clocks must be driven
after the deassertion of the the system reset signal to ensure complete initialization of the internal circuitry of the TNETX3110 before
there is any valid activity across the interface.
5. For receive data, the TNETE2008 asserts the TH2COL signal during the appropriate slot time if it was asserted for any of the four
bits of data corresponding to that slot time.
6. For receive data, the TNETE2008 asserts the TH2RXDV signal only if there are four valid bits of data in the nibble.
operating characteristics over recommended operating conditions (see Notes 3 through 6 and
Figure 12)
NO.
PARAMETER
MIN
MAX
UNIT
7
td(TH2EN)
Delay time, from TH2CLK
↑ to TH2TXEN↑
13.5
ns
7
td(TH2TXD)
Delay time, from TH2CLK
↑ to TH2TXD3–TH2TXD0 valid
13.5
ns
7
td(TH2RENEG)
Delay time, from TH2CLK
↑ to TH2RENEG↓
13.5
ns
8
td(TH2TXEN)
Delay time, from TH2CLK
↑ to TH2TXEN↓
0
ns
8
td(TH2TXD)
Delay time, from TH2CLK
↑ to TH2TXD3–TH2TXD0 invalid
0
ns
8
td(TH2RENEG)
Delay time, from TH2CLK
↑ to TH2RENEG↑
0
ns
NOTES:
3. The TNETE2008 must supply at least two TH2SYNC pulses under normal conditions before driving valid data on the inputs to the
TNETX3110, or before expecting valid data on the outputs from the TNETX3110. This means that at least two full sequences must
be executed; only with the third TH2SYNC pulse is valid data presented/expected.
4. At least two clocks must be driven before the deassertion of the system reset signal, and a minimum of two clocks must be driven
after the deassertion of the the system reset signal to ensure complete initialization of the internal circuitry of the TNETX3110 before
there is any valid activity across the interface.
5. For receive data, TNETE2008 asserts the TH2COL signal during the appropriate slot time if it was asserted for any of the four bits
of data corresponding to that slot time.
6. For receive data, the TNETE2008 asserts the TH2RXDV signal only if there are four valid bits of data in the nibble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com