Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3110 Datasheet(PDF) 37 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 33Page - Texas Instruments TNETX3110 Datasheet HTML 34Page - Texas Instruments TNETX3110 Datasheet HTML 35Page - Texas Instruments TNETX3110 Datasheet HTML 36Page - Texas Instruments TNETX3110 Datasheet HTML 37Page - Texas Instruments TNETX3110 Datasheet HTML 38Page - Texas Instruments TNETX3110 Datasheet HTML 39Page - Texas Instruments TNETX3110 Datasheet HTML 40Page - Texas Instruments TNETX3110 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SDRAM-type and quantity indication
Before beginning operation (by writing to the start bit of Syscontrol), it is necessary to indicate to the SDRAM
interface whether
× 8 or × 16 SDRAMs are being used. This is done by setting the bit in the RAMsize register
(by 8 = 0 for
× 16, by 8 = 1 for × 8) during the load from EEPROM or via a DIO write. It also is necessary to inform
the SDRAM interface of the quantity of external SDRAM available. This is done by writing to the RAMsize
register, while at the same time setting the
× 8 or × 16 SDRAMs.
initialization
SDRAMs require controlled initialization. Specifically, SDRAMs require up to 200
µs of inactivity after power has
been supplied, during which they are supplied only with an active CLK. The system designer must ensure that
this inactivity period is observed while TNETX3110 is held in hardware or software reset.
Table 16 shows the state of the SDRAM interface terminals during hardware or software reset.
Table 16. SDRAM Interface Terminal State During Hardware or Software Reset
TNETX3110
TERMINAL
STATE
DURING RESET
DA13–DA00
Driven high
DRAS
Driven high
DCAS
Driven high
DW
Driven high
DCLK
Active
DD31–DD00
High impedance
Any other SDRAM requirements during this period that need to be observed, such as the state of chip selects
and clock-enable and data-mask controls, also are the responsibility of the system designer. This SDRAM
interface does not drive the DD bus during hardware or software reset, or following either reset, until the SDRAM
initialization process has been completed.
refresh
After the initialization process, the SDRAM interface then performs 4096 REFR commands at least every 64 ms.
SDRAM data is, however, lost during any subsequent resets, as the SDRAM interface does not issue any REFR
commands during any hardware or software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com