Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3110 Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 4 Page - Texas Instruments

  TNETX3110 Datasheet HTML 1Page - Texas Instruments TNETX3110 Datasheet HTML 2Page - Texas Instruments TNETX3110 Datasheet HTML 3Page - Texas Instruments TNETX3110 Datasheet HTML 4Page - Texas Instruments TNETX3110 Datasheet HTML 5Page - Texas Instruments TNETX3110 Datasheet HTML 6Page - Texas Instruments TNETX3110 Datasheet HTML 7Page - Texas Instruments TNETX3110 Datasheet HTML 8Page - Texas Instruments TNETX3110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGV PACKAGE
(TOP VIEW)
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
240
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
DD26
DD27
DD28
VDD(2.5V)
DD29
DD30
DD31
GND
DCAS
DRAS
DW
VDD(3.3V)
DCLK
GND
DA00
DA01
VDD(2.5V)
DA02
DA03
DA04
GND
DA05
DA06
DA07
DA08
DA09
DA10
GND
DA11
DA12
VDD(2.5V)
DA13
NC
GND
NC
NC
NC
NC
NC
GND
NC
NC
NC
NC
VDD(2.5V)
NC
NC
NC
VDD(3.3V)
NC
NC
NC
NC
NC
GND
NC
NC
VDD(2.5V)
NC
NC
MDIO
MRESET
VDD(2.5V)
ECLK
EDIO
RESET
LEDDATA
LEDCLK
OSCIN
TRST
TDI
VDD(3.3V)
TDO
TMS
TCLK
VDD(2.5V)
M10FORCE10
M10FORCEHD
M10LINK
M10RXER
GND
M10RXDV
M10RXD3
M10RXD2
M10RXD1
M10RXD0
GND
M10RCLK
M10CRS
VDD(2.5V)
M10COL
M10TXER
GND
M10TXEN
M10TXD3
M10TXD2
M10TXD1
M10TXD0
M10TCLK
GND
M09FORCE10
M09FORCEHD
M09LINK
VDD(2.5V)
M09RXER
M09RXDV
GND
M09RXD3
VDD(3.3V)
M09RXD2
M09RXD1
M09RXD0
GND
M09RCLK
M09CRS
M09COL
VDD(2.5V)
M09TXER
M09TXEN
M09TXD3
NC – No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com