Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3110 Datasheet(PDF) 10 Page - Texas Instruments

Part # TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 6Page - Texas Instruments TNETX3110 Datasheet HTML 7Page - Texas Instruments TNETX3110 Datasheet HTML 8Page - Texas Instruments TNETX3110 Datasheet HTML 9Page - Texas Instruments TNETX3110 Datasheet HTML 10Page - Texas Instruments TNETX3110 Datasheet HTML 11Page - Texas Instruments TNETX3110 Datasheet HTML 12Page - Texas Instruments TNETX3110 Datasheet HTML 13Page - Texas Instruments TNETX3110 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
host DIO interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
SAD1
SAD0
143
142
I
Pullup
DIO address bus. SAD1 and SAD0 select the internal host registers, when SDMA is high.
SCS
138
I
Pullup
DIO chip select. When low, SCS indicates a DIO port access is valid.
SDMA
123
I
Pullup
DIO DMA select. When low, SDMA modifies the behavior of the DIO interface to allow it to operate
with an external DMA controller. The SAD0 and SAD1 terminals are not used to select the internal
host register for the access. Instead, the DIO address to access is provided by the DMAaddress
register, and one of two host register addresses is selected according to DMAinc bit in the
Syscontrol register.
– If DMAinc = 1, accesses are the DIOdatainc register and DMAaddress register increments
after each access.
– If DMAinc = 0, accesses are the DIOdata register, and DMAaddress register does not
increment after each address.
SDATA7
SDATA6
SDATA5
SDATA4
SDATA3
SDATA2
SDATA1
SDATA0
136
135
133
131
130
129
127
126
I/O
Pullup
DIO data interface bus (byte-wide bidirectional DIO port). SDATA7 is the most significant bit and
SDATA0 is the least significant bit.
SINT
140
O
None
DIO interrupt line (interrupt to the attached microprocessor). The interrupt originating event is
stored in the Int register.
SRDY
139
O
Pullup
DIO ready signal
– When low during reads, SRDY indicates to the host when data is valid to be read.
– When low during writes, SRDY indicates when data has been received after SCS is taken
high. SRDY is driven high for one clock cycle before placing the output in high impedance.
SRNW
125
I
Pullup
DIO read not write
– When high, read operation is selected.
– When low, write operation is selected.
SRXRDY
145
O
None
Network management port, receive ready. When high, SRXRDY indicates that the network
management port’s RX buffers are empty and the network management port is able to receive
a frame.
STXRDY
144
O
None
Network management port, transmit ready. STXRDY indicates that at least one frame buffer is
available to be read by the management CPU.
– It outputs as a 1 if any of the end-of-frame (EOF) bits, start-of-frame (SOF) bits, or one of the
bits in NMTxcontrol is set to 1.
– Otherwise, it outputs 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com