Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE240U-2MP-N-R Datasheet(PDF) 37 Page - Phihong USA Inc.

Part # POE240U-2MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-2MP-N-R Datasheet(HTML) 37 Page - Phihong USA Inc.

Back Button POE240U-2MP-N-R Datasheet HTML 33Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 34Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 35Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 36Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 37Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 38Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 39Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 40Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 41Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-37-
4. To read individual Control values, highlight the individual control, then click Get under the SNMP
menu to read values from the highlighted control.
5. Change network setting:
WARNING: Only network administrator is allowed to alter this configuration.
Network settings on the Phihong midspan can also be re-configured using your MIB Browser.
Users can enable DHCP to allow the network to assign an IP for the midspan automatically, or
disable DHCP and configure ipAddr, ipMask, defaultGetway, promaryDNS and secondaryDNS.
Remember entering <saveNewSettings> is required to fix the new settings. Incorrect settings may
cause your midspan to lose its network connection or crash your network’s normal operation.
6. Trap operation (POE port status change notifications)
SETUP:
a. Expand the MIB Tree to: iso/org/dod/internet/private/enterprises/phihong/poe/snmp.
b. Highlight <snmpTrapHost>, click Set under the SNMP menu. Entering your PC’s IP
address in xxx.xxx.xx.x format. (You can get your PC’s IP address by entering <ipconfig>
in the Command Prompt window). Click the icon in the upper left hand corner in the Set –
snmpTraphost.0 window to save the settings.
Figure 30: Set IP Address of Trap Reciever



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com