Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE240U-2MP-N-R Datasheet(PDF) 32 Page - Phihong USA Inc.

Part # POE240U-2MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-2MP-N-R Datasheet(HTML) 32 Page - Phihong USA Inc.

Back Button POE240U-2MP-N-R Datasheet HTML 28Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 29Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 30Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 31Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 32Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 33Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 34Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 35Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 36Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-32-
1.3.6.1.4.1.24852.1.4.33
port8status
Read-
Only
Display
port8 status
1.3.6.1.4.1.24852.1.4.34
modelName
Read-
Only
DisplayString
Display
device’s
Model
Name
4.3 Notes for using Phihong Midspan MIB
1. Although Phihong midspans using SNMPv2c protocol can also run under a SNMPv1 console with
the same MIB file, they will not operate with Phihong’s SNMPv3 MIB, as the MIB files are not the
same.
2. There is a tree node <network> in Phihong Midspan devices, which allows the network
administrator to change the settings of dhcpStatus, ipAddr, ipmask, defaultGetway, primaryDNS
and secondaryDNS. If these settings are changed; the OID <saveNewSettings> must be set at a
value of “0” to reboot the device and validate the new settings. For other events requiring a system
reboot, users can also set a value of ‘0’ to <saveNetSettings>, except for a TFTP upload (refer to
Chapter 5: Firmware updating at field). A TFTP upload requires a value greater than or equal to ‘6’
to validate the upload.
3. Although <hostname> should technically be listed under network, we place it into the <control>
section as it does not need a second step (rebooting) to be validated. <macAddr> which is read-
only and follows the same rebooting rule, is also in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com