| Electronic Components Datasheet Search |
|
POE240U-2MP-N-R Datasheet(PDF) 39 Page - Phihong USA Inc. |
|
|
|||||||||||||||||||||||||||||
POE240U-2MP-N-R Datasheet(HTML) 39 Page - Phihong USA Inc. |
|
39 / 45 page ![]() Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678 www.phihong.com or www.midspans.com -39- 5. Field Firmware Updating Phihong is continuously updating our firmware to improve our systems. To ensure that you have the most up-to-date firmware, please check with the support section of our websites: www.phihong.com or www.midspans.com. Updates can be made from the user’s PC by installing two essential pieces of software: POEA-x.x.bin and POEB-x.x.bin where x.x is the version number of the firmware. POEA- x.x.bin is the main firmware to be loaded into internal microprocessor, while POEB-x.x.bin needs to be loaded into internal EEPROM. Update POEA-x.x.bin before updating POEB-x.x.bin. The MIB is a pure SNMP interface and used to generate the Phihong-POE-MIB.smidb module. To update the Phihong-POE-MIB.smidb module, refer to your SNMP console User Manual (See chapter <4.4.1 Generate Phihong-POE-MIB module> to review this method using the MG-SOFT MIB Browser). Some updating may only need 1 or 2 steps, based on any new firmware requirements as they become available. 5.1. Updating Microprocessor Flash Contents with POEA-x.x.bin The boot loader inside the Midspan is used to upload POEA-x.x.bin into the internal microprocessor under Windows’ TFTP command. Windows XP always includes the TFTP utility. However, on Windows Vista the TFTP utility must be added by setting Control Panel » Programs and Features » Turn windows features on or off » TFTP client. There are two “modes” in which the boot loader can listen for a TFTP firmware upload. TFTP uploading (Application Entry Mode) For normal network/internet/SNMP operations, users may use this Application Entry Mode to manage TFTP uploading. 1. Power up the ready-to-upgrade POE unit and connect it to the Ethernet network. Make sure that its TCP/IP feature is functioning. The boot loader will use its TFTP, ARP and ICMP services. 2. Open the Command Prompt Console by clicking Start » Programs » Accessories » Command Prompt. 3. In the Command Prompt Console, type: Tftp:phihong-xxxxxx put “C: \......\POEA-x.x.bin” as shown in the Fig. 5-1, make appropriate Hostname/IP Address and file path changes, do not execute the TFTP command yet. 4. Because the boot loader always listens for 6 seconds after power-on for a TFTP firmware upload, an appropriate waiting time must be set for after a reboot. Open web » System Tools and in the same screen, enter a value greater than or equal to 6, in the box on the right of the Reboot button (or Open SNMP …./network/, click on the OID <saveNewSettings>, set a value 6). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |