Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE240U-2MP-N-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # POE240U-2MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-2MP-N-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  POE240U-2MP-N-R Datasheet HTML 1Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 2Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 3Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 4Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 5Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 6Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 7Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 8Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 9Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Phihong Midspan POE with TCPIP (SNMPv2c)
User Manual
TCPIP (SNMPv2c) Rev 1.6
PES12779
Compliant Models:
POE75U-1UP-N-R
POE240U-1MP-N-R
POE240U-2MP-N-R
POE125U-4AT-N-R
POE240U-4UP-N-R
POE576U-4MP-N-R
POE576U-8UP-N-R
POE806U-8MP-N-R


Similar Part No. - POE240U-2MP-N-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE240U-2MPN PHIHONG-POE240U-2MPN Datasheet
79Kb / 3P
2 Port 95W per Port Power over Ethernet Midspan
More results

Similar Description - POE240U-2MP-N-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-95XX-10GC MICROCHIP-PD-95XX-10GC Datasheet
490Kb / 2P
Multi-port IEEE802.3bt Compliant 60W PoE Midspan Family with Network Management
6/21
PD-9001GI MICROCHIP-PD-9001GI Datasheet
447Kb / 2P
Single-Port 30W Industrial PoE Midspan
5/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com