Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE240U-2MP-N-R Datasheet(PDF) 15 Page - Phihong USA Inc.

Part # POE240U-2MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-2MP-N-R Datasheet(HTML) 15 Page - Phihong USA Inc.

Back Button POE240U-2MP-N-R Datasheet HTML 11Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 12Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 13Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 14Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 15Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 16Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 17Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 18Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 19Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-15-
2.4 Powering Your Midspan
Power Cord Requirements
Power cords must meet the requirements for the country it is intended to be used.
U.S.A and
Canada
•
The cord must have a minimum of 10A rated current competence
•
The cord must be CSA or UL approved
•
The minimum requirement for the flexible cord is:
o
o
o
18 AWG (10A)
Three-Conductor (Line, Neutral, Ground)
Type SV (stranded Vacuum Rubber Jacketed) or SJ (stranded Junior
Rubber Jacketed) or SVT (Stranded Vacuum Rubber Jacketed
Thermoplastic) or SJT (Stranded Junior Thermoplastic)
•
The plus must be earth-grounded with a NEMA 5-15 (15A, 125V) or NEMA
6-15P (15A, 250V) configuration
Europe
Switzerland
•
The supply plug must comply with SEV/ASE 1011
Denmark
•
The supply plug must comply with section 108-2-D1, standard DK2-1a or
DK2-5a
United Kingdom
•
The Midspan is covered by General Approval (section 16.16.060,
NS/G/12345/J100003, for indirect connection to a public
telecommunication system
France and Peru
•
IT equipments cannot power this device. In the case of an IT powered
device, the unite needs to be powered by 230V through an isolation
transformer with a ratio of 1:1 and the secondary connection (Neutral) is
properly grounded
•
The Midspan must have access to a nearby power outlet. By disconnecting the power cord
from the outlet, you will eliminate power from the device.
•
The flexible cord that connects to the Midspan must have a configuration to connect with an
EN60320/IEC320 inlet connector.
•
According to the EN60950/IEC 950 specifications this device functions under SELV (Safety
Extra Low Voltage) conditions. The conditions are true if the equipment and the connected
device functions under SELV conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com