| Electronic Components Datasheet Search |
|
POE240U-2MP-N-R Datasheet(PDF) 44 Page - Phihong USA Inc. |
|
|
|||||||||||||||||||||||||||||
POE240U-2MP-N-R Datasheet(HTML) 44 Page - Phihong USA Inc. |
|
44 / 45 page ![]() Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678 www.phihong.com or www.midspans.com -44- 6. Troubleshooting If problems occur with the midspan, check the following troubleshooting table: The troubleshooting solutions provided can only solve minor problems. If your problem is not listed, please contact our Phihong directly for further technical assistance. All up-to-date contact information can be found on our website www.phihong.com or www.midspans.com. Troubleshooting Problem Possible Solutions Midspan does not power up 1. Ensure that the AC ppower cord is connected 2. Ensure that the AC power cord is in good condition 3. If solutions 1 and 2 are true; then disconnect the AC power cord and reconnect. Observe the Port LEDs to verify a proper power up. Port LEDs do not illuminate “Green” 1. The Port may be disabled and needs to be enabled using either the web or SNMP interfaces. Ensure that the Port in question is Enabled 2. Ensure the NIC Port is properly connected to the Network The web interface won’t open or cannot contact the unit via SNMP Use the default IP address 10.0.2.5 and connect the midspan to the PC directly. Refer to the section TFTP uploading (Power-On Reset Entry Mode) for more details. If 10.0.2.5 will not open the correct webpage, check the network for any possible faults. The web does not update the port status Execute System Tools » Reboot SNMP can’t make contact Check to see if the community strings are correct For all other issues, please verify the following: 1. Make sure the power is applied to the midspan 2. Make sure the network ethernet cable is not connected to the POE Data and Power port 3. Make sure the Data and Power cable is not connected to the Ethernet (NIC) power 4. Ensure the proper type of Ethernet cable is used. Do not use a crossover type of Ethernet cable. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |