Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE211 Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETE211
Description  ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE211 Datasheet(HTML) 4 Page - Texas Instruments

  TNETE211 Datasheet HTML 1Page - Texas Instruments TNETE211 Datasheet HTML 2Page - Texas Instruments TNETE211 Datasheet HTML 3Page - Texas Instruments TNETE211 Datasheet HTML 4Page - Texas Instruments TNETE211 Datasheet HTML 5Page - Texas Instruments TNETE211 Datasheet HTML 6Page - Texas Instruments TNETE211 Datasheet HTML 7Page - Texas Instruments TNETE211 Datasheet HTML 8Page - Texas Instruments TNETE211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TNETE211
ThunderLAN
™ TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR
100VG-AnyLAN
SPWS019 – MAY 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions
Following is a list of TNETE211 physical media independent (PMI) pins and their functions. Assignment of pin
numbers follows the order necessary to allow ThunderLAN and IEEE 802.12-compliant PMD devices to be laid
out without any traces crossing. Pin names use the convention of indicating active low signals with an overbar.
All ThunderLAN signals begin with an M (for MII). All manufacturing test signals begin with a T (for Test). All
network interface signals begin with a P (for Physical Media Dependent).
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
PHYSICAL MEDIA INDEPENDENT INTERFACE PINS (DEMAND-PRIORITY MODE)
MRST
1
I
MII reset. MRST resets signal to the PMD front end (active low).
MDIO
3
I/O
Management data I / O. MDIO is the serial management interface to PMD chip.
MDCLK
5
I
Management data clock. MDCLK is the serial management interface to PMD chip.
MRXER
7
O
Receive error. MRXER indicates reception of a coding error on received data.
MRXDV
8
O
Receive data valid. MRXDV indicates data on MRXD[0–3] is valid.
MRXD3
MRXD2
MRXD1
MRXD0
9
10
11
12
O
Receive data. MRXD[0–3] represents the nibble receive data from the PMD front end. The PMI
indicates the priority of the incoming frames on these pins on the cycle before the assertion of MRXDV
(the cycle before frame reception begins). MRXD1 indicates the transmission priority of the received
frame. A value of zero indicates normal transmission, a value of one indicates priority transmission.
Data on these pins is always synchronous to MRCLK.
MRCLK
14
O
Receive clock. MRCLK is the receive clock source from the PMI front end.
MCRS
16
O
Carrier sense. MCRS is not used in VG operation, but is connected to the TNETE100 MII for
completeness.
MCOL
17
O
Collision sense. MCOL indicates that the PMI is transmitting on the physical media.
• MCOL (active low) is used to acknowledge a transmission request. TNETE100 must begin
frame transmission 50 MTCLK cycles after the assertion (low) of MCOL.
MCOL is held asserted low until the PMI has completed all transmission tasks.
MTXER
19
I
Transmit error. MTXER allows coding errors to be propagated across the MII.
MTXEN
20
I
Transmit enable. MTXEN indicates valid transmit data on MTXD[0 – 3].
MTXD3
MTXD2
MTXD1
MTXD0
21
22
23
24
I
Transmit data. MTXD[0–3] represents the nibble transmit data from TNETE100; when MTXEN is
asserted, these pins carry data transmissions. When MTXEN is not asserted (frame transmission not
in progress), these pins carry control information.
• MTXD0 asserted (high) indicates TNETE100 is requesting frame transmission.
• MTXD1 indicates the transmission priority required. A value of zero indicates normal
transmission; a value of one indicates priority transmission.
Data/control on these pins is always synchronous to MTCLK.
MTCLK
26
O
Transmit clock. MTCLK is the transmit clock source from the PMI front end. Used to clock transmit and
control data into the PMI device.
† I = input, O = output, and I / O = 3-state input / output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com