Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE211 Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETE211
Description  ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE211 Datasheet(HTML) 1 Page - Texas Instruments

  TNETE211 Datasheet HTML 1Page - Texas Instruments TNETE211 Datasheet HTML 2Page - Texas Instruments TNETE211 Datasheet HTML 3Page - Texas Instruments TNETE211 Datasheet HTML 4Page - Texas Instruments TNETE211 Datasheet HTML 5Page - Texas Instruments TNETE211 Datasheet HTML 6Page - Texas Instruments TNETE211 Datasheet HTML 7Page - Texas Instruments TNETE211 Datasheet HTML 8Page - Texas Instruments TNETE211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TNETE211
ThunderLAN
™ TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR
100VG-AnyLAN
SPWS019 – MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
The PCI Local Bus Specification, Revision 2.0,
should be used as a reference with this
document.
D The TNETE211 Interfaces the ThunderLAN
(TNETE100) Media Independent Interface
(MII) to a 100VG-AnyLAN IEEE 802.12
Physical Media Dependent (PMD) Interface
Device
D Single Consistent Driver Interface for
100VG Architectures
D Industry-Standard Interface to Multiple
IEEE 802.12-Compliant PMD Devices
D Supports the Control Signaling Between
the Medium Access Control (MAC) or
Repeater MAC (RMAC) and the PMD Device
D Supports Packet Data Transmission and
Reception by Providing a 4-Channel Stream
Structure at the MII
D Supports Power Management With
Microsoft
™ Advanced Power Management
D IEEE Standard 1149.1† Test-Access Port
(JTAG)
D Single 5-V Supply
D 0.8-µm CMOS Technology
D PCMCIA-Compatible, Small-Footprint
Surface-Mount Package
D 80-Pin JEDEC Plastic Quad Flatpack
(PN Suffix)
D Operating Temperature Range:
0
_C to 70_C
PCI
Bus
TNETE100
ThunderLAN
TNETE211
Physical Media
Independent
(PMI) Device
100VG-
AnyLAN
Physical Media
Dependent Device
(PMD)
Figure 1. Typical Application
description
The TNETE211 interfaces the ThunderLAN TNETE100’s IEEE 802.3u media independent interface to an
IEEE 802.12 physical media-dependent device for 100VG-AnyLAN operation. The TNETE211 is responsible
for quartet channeling, scrambling the transmission data into five-bit data quintets, and encoding the resulting
quintets into six-bit (5B6B) symbols. The TNETE211 also adds the preamble, start-frame delimiter, and
end-frame delimiter to each channel.
Quartet channeling refers to the process of dividing the MAC frame data octets into five-bit data quintets and
alloting them sequentially among the four transmission pair channels. The data scrambler alters the five-bit
quintet into a randomized bit pattern which is helpful in reducing radio-frequency interference and signal cross
talk between channels. The 5B6B symbol encoding transforms the five-bit randomized pattern into
predetermined six-bit symbols. This provides a balanced data pattern with an equal number of zeroes and ones
for clock transition synchronization for receive circuitry. This symbol encoding also has the added benefit of
being an error-checking mechanism.
Compliant with IEEE Standard 1149.1-1990 (JTAG), the TNETE211 provides a five-pin test-access port that is
used for boundary-scan testing.
The TNETE211 is available in an 80-pin plastic quad flat package.
† IEEE Standard 1149.1–1990, IEEE Standard Test Access Port and Boundary-Scan Architecture
ThunderLAN is a trademark of Texas Instruments Incorporated.
Microsoft is a trademark of Microsoft Corporation.
ADVANCE INFORMATION concerns new products in the sampling or
preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.
Copyright
© 1995, Texas Instruments Incorporated


Similar Part No. - TNETE211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2101 TI-TNETE2101 Datasheet
497Kb / 39P
10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
TNETE2101APZ TI-TNETE2101APZ Datasheet
497Kb / 39P
10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
TNETE2101PZ TI-TNETE2101PZ Datasheet
497Kb / 39P
10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
TNETE2101PZ-R TI-TNETE2101PZ-R Datasheet
497Kb / 39P
10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
More results

Similar Description - TNETE211

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
logo
National Semiconductor ...
CS4103 NSC-CS4103 Datasheet
423Kb / 24P
IEEE P1394a Physical Layer Device
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
LIN Physical Interface
logo
Datatronic Distribution...
NT803-011 DATATRONICS-NT803-011 Datasheet
68Kb / 1P
100VG-AnyLAN Filter Module
NT803-021 DATATRONICS-NT803-021 Datasheet
52Kb / 1P
100VG-AnyLAN Filter Module
NT803-031 DATATRONICS-NT803-031 Datasheet
62Kb / 1P
100VG-AnyLAN Filter Module
NT803-043 DATATRONICS-NT803-043 Datasheet
76Kb / 1P
100VG-AnyLAN Filter Module
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
LIN PHYSICAL INTERFACE
TNETE100APCM TI1-TNETE100APCM Datasheet
363Kb / 26P
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
logo
M/A-COM Technology Solu...
02009-LTB-001-A MA-COM-02009-LTB-001-A Datasheet
23Kb / 2P
Mindspeed Technologies Physical Medium Dependent Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com