Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE211 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETE211
Description  ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE211 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETE211 Datasheet HTML 2Page - Texas Instruments TNETE211 Datasheet HTML 3Page - Texas Instruments TNETE211 Datasheet HTML 4Page - Texas Instruments TNETE211 Datasheet HTML 5Page - Texas Instruments TNETE211 Datasheet HTML 6Page - Texas Instruments TNETE211 Datasheet HTML 7Page - Texas Instruments TNETE211 Datasheet HTML 8Page - Texas Instruments TNETE211 Datasheet HTML 9Page - Texas Instruments TNETE211 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TNETE211
ThunderLAN
™ TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR
100VG-AnyLAN
SPWS019 – MAY 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
TEST PORT
TRST
72
I
Test reset. TRST is used for asynchronous reset of the test port controller (optional).
TMAN0
TMAN1
73
74
I
Manufacture test. TMAN[0–1] are used for manufacture test functions.
TMAN0
TMAN1
Description
0
0
Unit in place. All internal pullup resistors on all input pins are disabled.
0
1
Reserved
1
0
Reserved
1
1
Normal operation. All input pins’ internal pullup resistors are enabled.
TDI
75
I
Test data input. TDI serially shifts test data and test instructions into the device during operation of the
test port.
TDO
77
O
Test data output. TDO serially shifts test data and test instructions out of the device during operation
of the test port.
TCLK
79
I
Test clock. TCLK clocks state information and test data into and out of the device during operation of
the test port.
TMS
80
I
Test mode select. TMS controls the state of the test port controller within the TNETE211.
POWER
VSS
2, 4,
13, 15,
25, 27,
34, 43,
47, 52,
59, 64,
78
PWR
Ground pins
VDD
6, 18,
32, 38,
45, 57,
66, 76
PWR
Supply voltage
† I = input, O = output, PWR = power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com