Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE211 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETE211
Description  ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE211 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETE211 Datasheet HTML 7Page - Texas Instruments TNETE211 Datasheet HTML 8Page - Texas Instruments TNETE211 Datasheet HTML 9Page - Texas Instruments TNETE211 Datasheet HTML 10Page - Texas Instruments TNETE211 Datasheet HTML 11Page - Texas Instruments TNETE211 Datasheet HTML 12Page - Texas Instruments TNETE211 Datasheet HTML 13Page - Texas Instruments TNETE211 Datasheet HTML 14Page - Texas Instruments TNETE211 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TNETE211
ThunderLAN
™ TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR
100VG-AnyLAN
SPWS019 – MAY 1995
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
PN (S-PQFP-G80)
PLASTIC QUAD FLATPACK
4040135 / B10/94
0,17
0,27
0,13 NOM
40
21
0,25
0,45
0,75
0,05 MIN
Seating Plane
Gage Plane
41
60
61
80
20
SQ
SQ
1
13,80
14,20
12,20
9,50 TYP
11,80
1,45
1,35
1,60 MAX
0,08
0,50
M
0,08
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com