Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE211 Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETE211
Description  ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE211 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETE211 Datasheet HTML 4Page - Texas Instruments TNETE211 Datasheet HTML 5Page - Texas Instruments TNETE211 Datasheet HTML 6Page - Texas Instruments TNETE211 Datasheet HTML 7Page - Texas Instruments TNETE211 Datasheet HTML 8Page - Texas Instruments TNETE211 Datasheet HTML 9Page - Texas Instruments TNETE211 Datasheet HTML 10Page - Texas Instruments TNETE211 Datasheet HTML 11Page - Texas Instruments TNETE211 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TNETE211
ThunderLAN
™ TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR
100VG-AnyLAN
SPWS019 – MAY 1995
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Outputs are driven to a minimum high-logic level of 2.4 V and to a maximum low-logic level of 0.6 V. These levels
are compatible with TTL devices.
Output transition times are specified as follows: For a high-to-low transition on either an input or output signal,
the level at which the signal is said to be no longer high is 2 V and the level at which the signal is said to be low
is 0.8 V. For a low-to-high transition, the level at which the signal is said to be no longer low is 0.8 V and the level
at which the signal is said to be high is 2 V, as shown below.
The rise and fall times are not specified but are assumed to be those of standard TTL devices, which are typically
1.5 ns.
0.8 V (low)
2 V (high)
test measurement
The test-load circuit shown in Figure 2 represents the programmable load of the tester pin electronics that are
used to verify timing parameters of TNETE211 output signals.
CL
IOH
VLOAD
IOL
Point
Test
Test
Under
Output
TTL
Where: IOL
= Refer to IOL in recommended operating conditions
IOH
= Refer to IOH in recommended operating conditions
VLOAD
= 1.5 V, typical dc-level verification or
0.7 V, typical timing verification
CL
= 18 pF, typical load-circuit capacitance
Figure 2. Test-Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com