Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE211 Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETE211
Description  ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETE211 Datasheet HTML 3Page - Texas Instruments TNETE211 Datasheet HTML 4Page - Texas Instruments TNETE211 Datasheet HTML 5Page - Texas Instruments TNETE211 Datasheet HTML 6Page - Texas Instruments TNETE211 Datasheet HTML 7Page - Texas Instruments TNETE211 Datasheet HTML 8Page - Texas Instruments TNETE211 Datasheet HTML 9Page - Texas Instruments TNETE211 Datasheet HTML 10Page - Texas Instruments TNETE211 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TNETE211
ThunderLAN
™ TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR
100VG-AnyLAN
SPWS019 – MAY 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum operating case temperature, TC
95
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to VSS, and all VSS pins should be routed so as to minimize inductance to system ground.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD Supply voltage (5 V only)
4.75
5
5.25
V
VSS Ground
0
VIH
High-level input voltage
2
VDD + 0.3
V
VIL
Low-level input voltage, TTL-level signal (see Note 2)
– 0.3
0.8
V
IOH
High-level output current
TTL outputs
–4
mA
IOL
Low-level output current (see Note 3)
TTL outputs
4
mA
TA
Operating free-air temperature
0
70
°C
NOTES:
2. The algebraic convention, where the more negative (less positive) limit is designated as a minimum, is used for logic-voltage levels
only.
3. Output current of 2 mA is sufficient to drive five low-power Schottky TTL loads or ten advanced low-power Schottky TTL loads (worst
case).
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS ‡
MIN
MAX
UNIT
VOH High-level output voltage, TTL-level signal
VDD = MIN,
IOH = MAX
2.4
V
VOL Low-level output voltage, TTL-level signal
VDD = MAX,
IOL = MAX
0.5
V
IO
High impedance output current
VDD = MIN,
VO = VDD
10
µA
IO
High-impedance output current
VDD = MIN,
VO = 0 V
–10
µA
II
Input current
VI = VSS to VDD
"1
µA
IDD
Supply current
VDD = MAX
400
mA
Ci
Input capacitance, any input
f = 1 MHz,
Others at 0 V
10
pF
Co
Output capacitance, any output or input / output
f = 1 MHz,
Others at 0 V
10
pF
‡ For conditions shown as MIN / MAX, use the appropriate value specified under the “recommended operating conditions”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com