Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441D Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC441D
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441D Datasheet(HTML) 4 Page - Semtech Corporation

  SC441D Datasheet HTML 1Page - Semtech Corporation SC441D Datasheet HTML 2Page - Semtech Corporation SC441D Datasheet HTML 3Page - Semtech Corporation SC441D Datasheet HTML 4Page - Semtech Corporation SC441D Datasheet HTML 5Page - Semtech Corporation SC441D Datasheet HTML 6Page - Semtech Corporation SC441D Datasheet HTML 7Page - Semtech Corporation SC441D Datasheet HTML 8Page - Semtech Corporation SC441D Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SC441D
4
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Compensation
Sourcing Current
I
EA_SOURCE
V
COMP = 0.5V
5
µA
Sinking Current
I
EA_SINK
V
COMP = 2V
6
µA
Control Signals
EN, PWM, SCP_EN High Voltage
V
EN_H, VPWM_H
2
V
EN, PWM, SCP_EN Low Voltage
V
EN_L, VPWM_L
0.4
V
EN, PWM Leakage Current
I
EN, IPWM
V
EN, VPWM = 5V
0.

µA
PWM Dimming Frequency()
F
Dimming
50
50k
Hz
PWM Dimming Minimum Duty Cycle
D
MIN_Dimming
F
Dimming = 200Hz
0.2
%
PWM Dimming Minimum Pulse-Width (2)
T
MIN_Dimming
5
µs
PWM Dimming Minimum Off Time
T
MIN_Off
200
300
ns
FFLAG Voltage
V
FFLAG
I
FFLAG = 2 mA
0.25
V
SS Source Current
I
SS_SOURCE
V
SS = 0V
4.5
µA
SS Sink Current
I
SS_SINK
V
SS = 2V at OVP or OTP

SS Switching Threshold
V
SS_Switching
V
IN = 2V, TJ = 25 °C
0.5
0.7
.2
V
SS End Value
V
SS_END
V
IN = 2V
2.5
V
Over-Voltage Protection
OVPIN Threshold
V
OVPIN_TH
OVPIN - AGND
.46
.52
.58
V
OVPIN Leakage Current
I
OVPIN
V
OVPIN = 20V
0.

µA
VOUT Internal Pull-down Current Source
I
OVP
V
OUT = VIN + 3V
0.9
mA
VOUT Leakage Current
I
VOUT_LEAK
V
OUT = 40V
0.
µA
Current Source (IO1 ~ IO4)
Current Accuracy
I
O~IO4
T
J = 25 °C
40
50
60
mA
Current Matching
T
J = 25 °C
+/- 2
+/-3
%
Maximum LED Current
I
OMAX
200
mA
LED Short-Circuit Protection Threshold
V
IO_SCP
T
J = 25 °C

V
Leakage Current
I
IO_LEAK
EN = 0, V
IO ~ VIO4 = VIN
0.

µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com