Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441D Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC441D
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441D Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC441D Datasheet HTML 6Page - Semtech Corporation SC441D Datasheet HTML 7Page - Semtech Corporation SC441D Datasheet HTML 8Page - Semtech Corporation SC441D Datasheet HTML 9Page - Semtech Corporation SC441D Datasheet HTML 10Page - Semtech Corporation SC441D Datasheet HTML 11Page - Semtech Corporation SC441D Datasheet HTML 12Page - Semtech Corporation SC441D Datasheet HTML 13Page - Semtech Corporation SC441D Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SC441D
0
Pin Descriptions
Pin #
Pin Name
Pin Function

IO2
Provides constant current source to LED string 2.
2
IO
Provides constant current source to LED string .
3
IOGND
Constant current source ground.
4
AGND
Analog ground
5
SS
Soft-start pin
6
COMP
The output of the internal trans-conductance error amplifier.
7
EN
Enable the device including regulator and LED drivers.
8
IOSET
Current source IO value set pin. By selecting the resistor connected from this pin to GND,
the corresponding maximum current on all 4 strings are set.
9
PWM
PWM dimming control pin for LED strings.
0
VOUT
Internal pull down current source in over voltage fault. Connect this pin directly to Boost output.

FFLAG
Power failure signal output with open collector. Held low under normal operation.
2
VIN
Power input voltage pin. Bypassed with capacitors close to the pin.
3
SCP_EN
O LED short-circuit protection pin – leaving this pin open enables the function, tying it to ground
disables it. If any IO pin connects to VIN, SCP_EN needs to be left open to activate the protection.
4
OVPIN
Over-Voltage Protection sense signal input.
5,8
PGND
Power ground
6,7
SW
Collector of the internal power switch.
9
IO4
Provides constant current source to LED string 4. Connect to VIN for 3 strings operation.
20
IO3
Provides constant current source to LED string 3.
EDP
Solder to the ground plane of the PCB.
EN
STATUS
0
backlight disable

backlight enable
Note: When EN = 0; the boost is turned OFF and disabled.
Note: Any unused IO pin should be pulled up to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com