Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441D Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC441D
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441D Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC441D Datasheet HTML 4Page - Semtech Corporation SC441D Datasheet HTML 5Page - Semtech Corporation SC441D Datasheet HTML 6Page - Semtech Corporation SC441D Datasheet HTML 7Page - Semtech Corporation SC441D Datasheet HTML 8Page - Semtech Corporation SC441D Datasheet HTML 9Page - Semtech Corporation SC441D Datasheet HTML 10Page - Semtech Corporation SC441D Datasheet HTML 11Page - Semtech Corporation SC441D Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SC441D
8
Typical Characteristics (continued)
VOUT
(0V/DIV)
VSW
(20V/DIV)
VIN
(0V/DIV)
VSS
(2V/DIV)
Start up
Time (20mS/DIV)
Conditions: VIN = 2V,
Output = 32V / 50mA x 4 LED strings
Conditions: VIN = 2V,
Output = 32V / 50mA x 4 LED strings
Time (400mS/DIV)
Shut Down
Conditions: VIN = 2V,
Output = 27V / 20mA x 4 LED strings
VOUT
Accoupling
(200mV/DIV)
VSW
(20V/DIV)
Time (uS/DIV)
Main Power Switching Waveform
Time (uS/DIV)
Main Power Switching Waveform
Conditions: VIN = 2V,
Output = 32V / 50mA x 4 LED strings
Start up
SW
SS
Vout
Vin
Testing condition: VIN=12V, 25 , LEDs=10S4P@150/CH, 32Vout
Shut Down
SW
SS
Vout
Vin
Testing condition: VIN=12V, 25 , LEDs=10S4P@150/CH, 32Vout
VOUT
(0V/DIV)
VSW
(20V/DIV)
VIN
(0V/DIV)
VSS
(2V/DIV)
Testing condition: VIN=12V, 25 , LEDs=10S4P@150/CH, 32Vout
Main Power Switching Waveform
SW
Vout
Testing condition: VIN=12V, 25 , LEDs=10S4P@20/CH, 27.4Vout
Main Power Switching Waveform
SW
Vout
VOUT
Accoupling
(50mV/DIV)
VSW
(0V/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com