Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441D Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC441D
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441D Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC441D Datasheet HTML 10Page - Semtech Corporation SC441D Datasheet HTML 11Page - Semtech Corporation SC441D Datasheet HTML 12Page - Semtech Corporation SC441D Datasheet HTML 13Page - Semtech Corporation SC441D Datasheet HTML 14Page - Semtech Corporation SC441D Datasheet HTML 15Page - Semtech Corporation SC441D Datasheet HTML 16Page - Semtech Corporation SC441D Datasheet HTML 17Page - Semtech Corporation SC441D Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
SC441D
4
Applications Information (continued)
tap connected to OVPIN.
Note: If this disconnect function is not desired, bypass
the OVPRTN pin and connect the end of the OVP resistor
divider directly to GND. The OVPIN pin is sensitive to
noise, and a proper decoupling capacitor (nF ~ 0nF) is
required. The combined impedance of the resistor divider
for OVPIN should be greater than 200kΩ.
LED Short-Circuit Protection
If one or more LEDs are detected as shortened, that
corresponding string will be latched off if SCP_EN is
floating. The voltages on all internal LED current sources
(IO pins) are monitored to see if any exceeds the setting
voltage (The IO voltage on abnormal LED string will rise
earlier than other floating LED strings). If any IO pin voltage
exceeds the setting voltage, that IO current source will be
latched off. The latch can be reset if VIN falls below UVLO
or recycle EN signal. Other normal LED strings remain at
their normal operation. The protection will be disabled
if SCP_EN is tied to GND. If all IO pin voltages reach 0.8V
then the internal main switch will be off until any of the IO
voltages is lower than 0.7V.
The setting voltage for SCP can be programmed by R33
(see the schematic on page 8). The relationship can be
described as follows:
VSCP(V)=0.05 X R
33(KΩ)
Where VSCP is the SCP setting voltage in Volt and R
33 is in
kohm.
Unused Strings
The SC44D may be operated with less than 4 strings.
In this case, all unused strings should be tied to VIN and
leave the SCP_EN pin floating.
LED Open-Circuit Protection
If any LED string is detected as an open-circuit, that
string will latch off. If any given string is open, the IO
current source will go to deep saturation; the COMP and
FFLAG pins will be driven high and the boost converter
duty cycle will increase causing VOUT to rise. At some
point VOUT will rise high enough to cause all the IO pin
voltages of the intact strings to reach the shorted LED
detection level and latch off those strings. Because of the
LED open string VOUT will continue to rise until it reaches
the programmed OVP level.
When OVP is reached, the voltage on the IO pins are
monitored and if any IO voltage is less than 0.2V that
string will be identified as open and will latch off.
Only when VIN falls below UVLO, or an EN signal is re-
cycled, and if thermal shutdown occurs, can this latch be
reset. A hiccup cycle is then initiated and the SS pin is
discharged slowly with a µA current source and a 0.9mA
discharge path (turned on to pull down VOUT). When SS
falls below 0.5V and VOUT falls below to VIN, the shorted
LED detection latches are reset and a new soft-start se-
quence is initiated to resume normal operation.
Thermal Shutdown (TSD)
If the thermal shutdown temperature of 50°C is reached,
a hiccup sequence is initiated where the boost converter
and all IO current sources are turned off. SS is discharged
by a µA current source, and a 0.9mA discharge path is
turned on to pull down VOUT. As temperature falls below
the TSD trip point, SC44D will retry when SS falls below
0.5V and VOUT falls to VIN.
PWM Dimming
ThePWMinputneedstobeheldhighfornormaloperation.
PWM dimming can be done by cycling the PWM input at a
given frequency where a“low”on the PWM input turns off
all IO current sources and a “high” turns on all IO current
sources. The short and open detection latches are blanked
for approximately 2µs as the PWM input transitions from
low-to-high to prevent a false fault detection during PWM
dimming.
The PWM pin can be toggled by external circuitry to allow
PWM dimming. In a typical application, a microcontroller
sets a register – or counter, that varies the pulse-width
on a GPIO pin. The SC44D allows dimming over two
decades in frequency (50Hz–50kHz), in order to allow
compatibility with a wide range of devices, including the
newest dimming strategies that avoid the audio band
by using high frequency PWM dimming. In this manner,
a wide range of illumination can be generated while
keeping the instantaneous LED current at its peak value
for luminescent efficiency and color purity. Furthermore,
advanced lighting effects such as backlight dim-on can be
implemented as the SC44D can resolve 0µs (minimum),
PWM dimming pulse-width.
As far as the maximum PWM dimming pulse-width, it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com