Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441D Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC441D
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441D Datasheet(HTML) 5 Page - Semtech Corporation

  SC441D Datasheet HTML 1Page - Semtech Corporation SC441D Datasheet HTML 2Page - Semtech Corporation SC441D Datasheet HTML 3Page - Semtech Corporation SC441D Datasheet HTML 4Page - Semtech Corporation SC441D Datasheet HTML 5Page - Semtech Corporation SC441D Datasheet HTML 6Page - Semtech Corporation SC441D Datasheet HTML 7Page - Semtech Corporation SC441D Datasheet HTML 8Page - Semtech Corporation SC441D Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SC441D
5
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Overshoot Protection Threshold
VI
O~VIO4
T
J = 25 °C, VIO ~ VIO4
0.963
.07
.77
V
0.9095
.07
.2305
V
Overshoot Protection Hysteresis
Any of I
O~IO4
00
mV
LED Short Circuit Protection
SCPSET Current
I
SCPSET
4
5
6
µA
Max. SCPSET Threshold Voltage
V
SCPSET_MAX
V
IN -
V
Over-Temperature Protection
Thermal Shutdown Temperature
T
OTP
50
°C
Thermal Shutdown Hysteresis
T
OTP_H
30
°C
Notes:
() Guaranteed by design.
(2) For achievable PWM dimming minimum pulse-width in applications, see the corresponding curves in Typical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com