Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441D Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC441D
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441D Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC441D Datasheet HTML 2Page - Semtech Corporation SC441D Datasheet HTML 3Page - Semtech Corporation SC441D Datasheet HTML 4Page - Semtech Corporation SC441D Datasheet HTML 5Page - Semtech Corporation SC441D Datasheet HTML 6Page - Semtech Corporation SC441D Datasheet HTML 7Page - Semtech Corporation SC441D Datasheet HTML 8Page - Semtech Corporation SC441D Datasheet HTML 9Page - Semtech Corporation SC441D Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SC441D
6
Typical Characteristics
Temperature (oC)
UVLO Threshold vs. Temperature
Temperature (oC)
UVLO Hysteresis vs. Temperature
VIN Quiescent Supply Current
vs. Temperature
Temperature (oC)
Temperature (oC)
COMP SINK / SOURCE Current
vs. Temperature
Temperature (oC)
SS SINK / SOURCE Current
vs. Temperature
SW Saturation Voltage at A
vs. Temperature
Temperature (oC)
VOUT Pull Down Current Source
vs. Temperature
Temperature (oC)
Temperature (oC)
FFLAG Saturation Voltage vs.
Temperature
Average LED Current Source Setting
vs. Temperature
Temperature (oC)
UVLO Threshold vs. Temperature
Temperature ( )
UVLO Hysteresis vs. Temperature
Temperature ( )
VIN Quiescent Supply Current vs. Temperature
Temperature ( )
COMP SINK/SOURCE Current vs. Temperature
Temperature ( )
SINK
SOURCE
VIN=12V
SS SINK/SOURCE Current vs. Temperature
Temperature ( )
SINK
SOURCE
VIN=12V
SW Saturation Voltage at 1A vs. Temperature
Temperature ( )
4.5VIN
12VIN
27VIN
Vout Pull Down Current Source vs. Temperature
Temperature ( )
4.5VIN
12VIN
21VIN
VOUT=VIN+3V
Fflag saturation voltage vs temperature
IFFLAG=2mA
Temperature ( )
LED Current Source Setting vs. Temperature
Temperature ( )
VIN=12V
RIOSET=1.74K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com