Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL9582 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL9582 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
4
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
Electrical Characteristics
(Note 6)
(Test conditions: VIN =12V, TA = 25°C, unless otherwise noted.)
Symbol
Parameter
Conditions
MIN
TYP
MAX
Unit
VIN
Input voltage
6
32
V
VUVLO
Under voltage lock out
VIN Rising
5.07
V
VUVLO(HYS)
UVLO hysteresis
VIN falling
4.87
V
IQ(OFF)
Quiescent supply current with
output off
ADJ Pin grounded
50
100
μA
IQ(ON)
Quiescent supply current with
output switching
ADJ Pin floating
f=250KHz
1.8
50
mA
VISENSE
Mean current sense
threshold voltage
Measure on ISENSE pin
with respect to VIN
96
100
104
mV
VSENSE(HYS)
Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VISENSE=VIN-0.1
1.2
10
μΑ
VADJ
ADJ pin floating voltage
ADJ pin floating
5
V
IADJ
ADJ pin leakage current
ADJ pin grounded
5
μΑ
RADJ
ADJ pin pull up resistor to
internal supply voltage
1
M
Ω
VADJ(OFF)
DC voltage on ADJ pin to
switch device from active (on)
state to quiescent (off) state
VADJ falling .
0.15
0.2
0.25
V
VADJ(ON)
DC voltage on ADJ pin to
switch device from quiescent
(off) state to active (on) state
VADJ rising
0.2
0.25
0.3
V
VADJ(H)
Digital dimming ADJ pin
input voltage high
1.5
V
VADJ(L)
Digital dimming ADJ pin
input voltage low
0.2
V
VADJ(DC)
DC brightness control
0.3
1.2
V
fADJ
Recommended Digital
dimming frequency
0.1
20
kHz
Duty cycle range of PWM
signal applied to ADJ pin
during low frequency
PWM dimming mode
fADJ =100Hz
0.1
100
%
DPWM(LF)
Brightness control range
1000:1
Duty cycle range of PWM
signal applied to ADJ pin
during high frequency
PWM dimming mode
fADJ =10KHz
5
100
%
DPWM(HF)
Brightness control range
20:1
RLX
LX switch on resistance
0.35
0.7
Ω
ILX(LEAK)
LX switch leakage
0.1
5
μΑ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com