Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL9582 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9582 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
7
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
5
1015
2025
30
0
50
100
150
200
250
300
350
400
450
500
550
600
Supply Voltage VIN(V)
1LED
2LED
3LED
4LED
5LED
6LED
Operating Frequency Vs. Supply Voltage
L=47uH
5
1015
2025
30
0
10
20
30
40
50
60
70
80
90
100
Supply Voltage VIN(V)
1LED
2LED
3LED
4LED
5LED
6LED
Duty Cycle Vs. Supply Voltage
L=47uH
5
1015
2025
30
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
Supply Voltage VIN(V)
1LED
2LED
3LED
4LED
5LED
6LED
Output Current Vs. Supply Voltage
L=47uH
5
1015
2025
30
-5
-4
-3
-2
-1
0
1
2
3
4
5
Supply Voltage VIN(V)
1LED
2LED
3LED
4LED
5LED
6LED
Output Current variation Vs. Supply Voltage
L=100uH
5
1015
2025
30
0
50
100
150
200
250
300
Supply Voltage VIN(V)
1LED
2LED
3LED
4LED
5LED
6LED
Operating Frequency Vs. Supply Voltage
L=100uH
5
1015
2025
30
0
10
20
30
40
50
60
70
80
90
100
Supply Voltage VIN(V)
1LED
2LED
3LED
4LED
5LED
6LED
Duty Cycle Vs.Supply Voltage
L=100uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com