Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL9582 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL9582 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
3
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
Pin Description
PIN
NAME
FUNCTION
1
LX
Drain of NDMOS switch
2
GND
Ground (0V)
3
ADJ
Multi-function On/Off and brightness control pin:
• Leave floating for normal operation.
• Drive to voltage below 0.2V to turn off output current
• Drive with DC voltage (0.3V < VADJ < 1.2V) to adjust output current from
25% to 100% of IOUTnom. If the ADJ voltage is larger than 1.2V, the output
current is IOUTnom.
• Drive with PWM signal from open-collector or open-drain transistor, to
adjust output current.
• Connect a capacitor from this pin to ground to activate soft-start.
(soft-start time is approx.0.06ms/nF)
4
ISENSE
Connect resistor RS from this pin to VIN to define nominal average output
current IOUTnom=0.1/RS
5
VIN
Input voltage (6V to 32V). Decouple to ground with 4.7uF or higher X7R
ceramic capacitor close to device
Block Diagram
V o lta g e
R e g u la to r
2
3
5
4
1
GN D
AD J
C1
4.7uF
V IN
ISE N S E
LX
V IN
1M ohm
5V
1.2V
R3
R2
R1
Rs
L1
D1
OT P
UV L O
0.2V
AD J
MN
B a n dga p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com