Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL9582 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL9582 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
5
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
Electrical Characteristics (continued)
(Test conditions: VIN =12V, TA = 25°C, unless otherwise noted.)
Symbol
Parameter
Conditions
MIN
TYP
MAX
Unit
ILX(MEAN)
Continuous LX switch current
1.4
A
TEN, DELAY
Chip enable delay time
The delay time between ADJ
pin rising edge and LX pin
falling edge
480
ns
TENB, DELAY
Chip disable delay time
The delay time between ADJ
pin falling edge and LX pin
rising edge
25
ns
fLX(MAX)
Recommended maximum
operating frequency
1
MHz
TOTP
Over temperature protection
threshold
Temperature rising
160
°C
TSD(HYS)
Over temperature protection
hysteresis
Temperature falling
20
°C
Note 6:
100% production test at +25°C. Specifications over the temperature range are guaranteed by design and
characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com