Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL9582 Datasheet(PDF) 12 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 12 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
12
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
therefore the LED color does not vary with
brightness as it does with analog dimming.
Pulsing the current provides precise
brightness control while preserving the
color purity. The dimming frequency of
BL9582 can be as high as 20 kHz.
Shutdown mode
Taking the ADJ pin to a voltage below 0.2V
will turn off the output and the supply
current will fall to a low standby level of
50μA nominal.
Soft-start
An external capacitor from the ADJ pin to
ground will provide soft-start delay, by
increasing the time taken for the voltage on
this pin to rise to the turn-on threshold.
Adding capacitance increases this delay by
approximately 0.06ms/nF.
Inherent open-circuit LED protection
If the connection to the LED(s) is open-
circuited, the coil is isolated from the LX
pin of the chip, so the device will not be
damaged.
Capacitor selection
A low ESR capacitor should be used for
input decoupling, as the ESR of this
capacitor appears in series with the supply
source impedance and lowers overall
efficiency. This capacitor has to supply the
relatively high peak current to the coil and
smooth the current ripple on the input
supply. A minimum value of 4.7uF is
acceptable if the input source is close to
the device, but higher values will improve
performance at lower input voltages,
especially when the source impedance is
high. The input capacitor should be placed
as close as possible to the IC.
For maximum stability over temperature
and voltage, capacitors with X7R, X5R, or
better dielectric are recommended. Cap-
acitors with Y5V dielectric are not suitable
for decoupling in this application and
should not be used. A suitable Murata
capacitor would be GRM42-2X7R475K-50.
The following web sites are useful when
finding alternatives:
www.murata.com
www.t-yuden.com
www.avxcorp.com
Inductor selection
Recommended inductor values for the
BL9582 are in the range 27uH to 100uH.
Higher values of inductance are re-
commended at lower output current in
order to minimize errors due to switching
delays, which result in increased ripple and
lower efficiency. Higher values of in-
ductance also result in a smaller change in
output current over the supply voltage
range. The inductor should be mounted as
close to the device as possible with low
resistance connections to the LX and VIN
pins. The chosen coil should have a
saturation current higher than the peak
output current and a continuous current
rating above the required mean output
current. Suitable coils for use with the
BL9582 are listed in the table below:
Part No.
L
(uH)
DCR
(
Ω)
ISAT
(A)
Manufacturer
MSS1038-
333
33
0.093
2.3
MSS1038-
473
47
0.128
2
MSS1038-
683
68
0.213
1.6
MSS1038-
104
100
0.304
1.3
CoilCraft
www.coilcraft.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com