Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL9582 Datasheet(PDF) 11 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 11 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9582 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
11
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
or applied with a voltage higher than 1.2V
(must be less than or equal to 5V). Actually,
RS sets the maximum average current
which can be adjusted to a less one by
dimming.
The table below gives values of nominal
average
output
current
for
several
preferred values of current setting resistor
(RS) in the typical application circuit shown
on page 1.
Nominal average output current (mA)
RS(Ω)
1000
0.1
760
0.13
667
0.15
333
0.3
Output current adjustment by external
DC control
The ADJ pin can be driven by an external
dc voltage (VADJ), as shown, to adjust the
output current to a value below the nominal
average value defined by RS.
U1
BL9582
ADJ
RS
L1
47uH
1
2
D1
1
2
CIN
4.7uF
VADJ
VIN
The average output current is given by:
0.1
(0.3
1.2 )
1.2
ADJ
OUT
ADJ
S
V
I
VV
V
R
×
=≤
≤
×
Note that 100% brightness setting
corresponds to: (1.3V≤VADJ≤5V)
Output current adjustment by PWM
control
A Pulse Width Modulated (PWM) signal
with duty cycle PWM can be applied to the
ADJ pin, as shown below, to adjust the
output current to a value below the nominal
average value set by resistor RS:
0.1
(0
100%,1.2
5 )
OUT
ADJ
S
D
I
DV
V
V
R
×
=≤ ≤
≤
≤
0.1
(0
100%, 0.3
1.2 )
1.2
PULSE
OUT
PULSE
S
VD
ID
V
V
V
R
×
×
=≤ ≤
≤
≤
×
U1
BL9582
ADJ
L1
47uH
1
2
RS
D1
1
2
CIN
4.7uF
VIN
PWM
PWM
dimming
provides
reduced
brightness
by
modulating
the
LED’s
forward current between 0% and 100%.
The LED brightness is controlled by
adjusting the relative ratios of the on time
to the off time. A 25% brightness level is
achieved by turning the LED on at full
current for 25% of one cycle. To ensure
this switching process between on and off
state is invisible by human eyes, the
switching frequency must be greater than
100 Hz. Above 100 Hz, the human eyes
average the on and off times, seeing only
an effective brightness that is proportional
to the LED’s on-time duty cycle. The
advantage of PWM dimming is that the
forward
current
is
always
constant,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com