Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1031 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSC1031
Description  High-voltage, high-side current sense amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1031 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSC1031 Datasheet HTML 6Page - STMicroelectronics TSC1031 Datasheet HTML 7Page - STMicroelectronics TSC1031 Datasheet HTML 8Page - STMicroelectronics TSC1031 Datasheet HTML 9Page - STMicroelectronics TSC1031 Datasheet HTML 10Page - STMicroelectronics TSC1031 Datasheet HTML 11Page - STMicroelectronics TSC1031 Datasheet HTML 12Page - STMicroelectronics TSC1031 Datasheet HTML 13Page - STMicroelectronics TSC1031 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical characteristics curves: current sense amplifier
TSC1031
10/26
Doc ID 16875 Rev 2
4
Electrical characteristics curves: current sense
amplifier
Unless otherwise specified, the test conditions for the following curves are:
●
Tamb = 25°C, VCC = 5 V, Vsense = Vp - Vm = 50 mV, Vm = 12 V.
●
No load on Out pin.
Figure 4.
Output voltage vs. Vsense
Figure 5.
Output voltage accuracy vs. Vsense
0
1
2
3
4
5
6
-20
0
20
40
60
80
100
120
Vsense (mV)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
20
40
60
80
100
Vsense (mV)
Guaranteed
accuracy vs. T
Typical
accuracy
Guaranteed
accuracy @ 25 °C
Figure 6.
Supply current vs. supply voltage
Figure 7.
Supply current vs. Vsense
0
50
100
150
200
250
300
350
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
T = 25 °C
T = 125 °C
T = -40 °C
0
50
100
150
200
250
300
350
400
-100
-50
0
50
100
Vsense (mV)
T = -40 °C
T = 25 °C
T = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com