Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1031 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSC1031
Description  High-voltage, high-side current sense amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1031 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSC1031 Datasheet HTML 11Page - STMicroelectronics TSC1031 Datasheet HTML 12Page - STMicroelectronics TSC1031 Datasheet HTML 13Page - STMicroelectronics TSC1031 Datasheet HTML 14Page - STMicroelectronics TSC1031 Datasheet HTML 15Page - STMicroelectronics TSC1031 Datasheet HTML 16Page - STMicroelectronics TSC1031 Datasheet HTML 17Page - STMicroelectronics TSC1031 Datasheet HTML 18Page - STMicroelectronics TSC1031 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TSC1031
Parameter definitions
Doc ID 16875 Rev 2
15/26
5.4
Output voltage drift versus temperature
The output voltage drift versus temperature is defined as the maximum variation of Vout with
respect to its value at 25° C over the temperature range. It is calculated as follows:
with Tmin < Tamb < Tmax.
Figure 18 provides a graphical definition of the output voltage drift versus temperature. On
this chart Vout is always within the area defined by the maximum and minimum variation of
Vout versus T, and T = 25° C is considered to be the reference.
Figure 18.
Output voltage drift versus temperature (Av = 50 V/V Vsense = 50 mV)
ΔV
out
ΔT
-----------------max
V
out
T
amb
() V
out
25
° C
()
–
T
amb
25
° C
–
--------------------------------------------------------------------------
=
-60
-40
-20
0
20
40
60
-60
-40
-20
0
20
40
60
80
100 120 140
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com