Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1031 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSC1031
Description  High-voltage, high-side current sense amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1031 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSC1031 Datasheet HTML 12Page - STMicroelectronics TSC1031 Datasheet HTML 13Page - STMicroelectronics TSC1031 Datasheet HTML 14Page - STMicroelectronics TSC1031 Datasheet HTML 15Page - STMicroelectronics TSC1031 Datasheet HTML 16Page - STMicroelectronics TSC1031 Datasheet HTML 17Page - STMicroelectronics TSC1031 Datasheet HTML 18Page - STMicroelectronics TSC1031 Datasheet HTML 19Page - STMicroelectronics TSC1031 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Parameter definitions
TSC1031
16/26
Doc ID 16875 Rev 2
5.5
Input offset drift versus temperature
The input voltage drift versus temperature is defined as the maximum variation of Vos with
respect to its value at 25° C over the temperature range. It is calculated as follows:
with Tmin < Tamb < Tmax.
Figure 19. provides a graphical definition of the input offset drift versus temperature. On this
chart Vos is always comprised in the area defined by the maximum and minimum variation of
Vos versus T, and T = 25° C is considered to be the reference.
Figure 19.
Input offset drift versus temperature (Av = 50 V/V)
5.6
Output voltage accuracy
The output voltage accuracy is the difference between the actual output voltage and the
theoretical output voltage. Ideally, the current sensing output voltage should be equal to the
input differential voltage multiplied by the theoretical gain, as in the following formula.
Vout-th = Av. Vsense
The actual value is very slightly different, mainly due to the effects of:
●
the input offset voltage Vos,
●
the non-linearity.
ΔV
os
ΔT
---------------max
V
os
T
amb
() V
os
25
° C
()
–
T
amb
25
° C
–
---------------------------------------------------------------------
=
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
-60
-40
-20
0
20
40
60
80
100 120 140
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com