Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1031 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSC1031
Description  High-voltage, high-side current sense amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1031 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSC1031 Datasheet HTML 16Page - STMicroelectronics TSC1031 Datasheet HTML 17Page - STMicroelectronics TSC1031 Datasheet HTML 18Page - STMicroelectronics TSC1031 Datasheet HTML 19Page - STMicroelectronics TSC1031 Datasheet HTML 20Page - STMicroelectronics TSC1031 Datasheet HTML 21Page - STMicroelectronics TSC1031 Datasheet HTML 22Page - STMicroelectronics TSC1031 Datasheet HTML 23Page - STMicroelectronics TSC1031 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Application information
TSC1031
20/26
Doc ID 16875 Rev 2
The current multiplier gain K2 can be set to 2.5 or 5 depending on the voltage applied on the
SEL pin.
Since they define the full-scale output range of the application, the Rsense resistor and the
amplification gain Av are important parameters and must therefore be selected carefully.
The TSC1031’s dedicated schematic eases the implementation of EMI filtering in harsh
environments. A simple filter is described in Figure 22, where the input filtering is performed
by Rf1, Rf2 and Cf.
The values of Rf1 and Rf2 should be equal so as to balance the contribution on both
amplifier inputs. The value of the Cf capacitor should be selected so that the cut-off
frequency of the first-order low-pass filter provides enough attenuation to the high frequency
interferences.
To balance the contribution of Rf1 and Rf2 in the current sense amplifier gain, an output
resistor Rf3 should be connected between pin A1 and Gnd. The value of Rf3 should be
chosen according to the following formula.
K1 = 10 = Rg3/Rg1= Rf3/Rf1 = Rf3/Rf2
If these precautions having been taken, the TSC1031’s gain is unaffected by the
implementation of the input filtering resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com