Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1031 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSC1031
Description  High-voltage, high-side current sense amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1031 Datasheet(HTML) 3 Page - STMicroelectronics

  TSC1031 Datasheet HTML 1Page - STMicroelectronics TSC1031 Datasheet HTML 2Page - STMicroelectronics TSC1031 Datasheet HTML 3Page - STMicroelectronics TSC1031 Datasheet HTML 4Page - STMicroelectronics TSC1031 Datasheet HTML 5Page - STMicroelectronics TSC1031 Datasheet HTML 6Page - STMicroelectronics TSC1031 Datasheet HTML 7Page - STMicroelectronics TSC1031 Datasheet HTML 8Page - STMicroelectronics TSC1031 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TSC1031
Application schematic and pin description
Doc ID 16875 Rev 2
3/26
1
Application schematic and pin description
The TSC1031 high-side current sense amplifier can be used in either single- or dual-supply
mode. In the single-supply configuration, the TSC1031 features a wide 2.9 V to 70 V input
common-mode range totally independent of the supply voltage. In the dual-supply range,
the common-mode range is shifted by the value of the negative voltage applied on the Vcc-
pin. For instance, with Vcc+ = 5 V and Vcc- = -5 V, then the input common-mode range is
-2.1 V to 65 V.
Figure 1.
Single-supply configuration schematic
5 V
Iload
µController
ADC
Vcc
GPIO
Rg3
Vp
Vm
A1
SEL
Vsense
Out
Rg1
Rg2
Voltage
buffer
Sense
amplifier
Rf2
Cf
Rf1
Cf
Rf3
Vcc
TSC1031
Gnd
Gnd
Vcc-
K2
Common-mode voltage: 2.9 V to 70 V
AM04523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com