Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC1031 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSC1031
Description  High-voltage, high-side current sense amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1031 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSC1031 Datasheet HTML 15Page - STMicroelectronics TSC1031 Datasheet HTML 16Page - STMicroelectronics TSC1031 Datasheet HTML 17Page - STMicroelectronics TSC1031 Datasheet HTML 18Page - STMicroelectronics TSC1031 Datasheet HTML 19Page - STMicroelectronics TSC1031 Datasheet HTML 20Page - STMicroelectronics TSC1031 Datasheet HTML 21Page - STMicroelectronics TSC1031 Datasheet HTML 22Page - STMicroelectronics TSC1031 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TSC1031
Application information
Doc ID 16875 Rev 2
19/26
7
Application information
The TSC1031 can be used to measure current and to feed back the information to a
microcontroller.
Figure 22.
Typical application
The current from the supply flows to the load through the Rsense resistor causing a voltage
drop equal to Vsense across Rsense. The amplifier’s input currents are negligible, therefore its
inverting input voltage is equal to Vm. The amplifier's open-loop gain forces its non-inverting
input to the same voltage as the inverting input. As a consequence, the amplifier adjusts
current flowing through Rg1 so that the voltage drop across Rg1 exactly matches Vsense.
Therefore, the drop across Rg1 is:
VRg1 =Vsense =Rsense.Iload
If IRg1 is the current flowing through Rg1, then IRg1 is given by the formula:
IRg1 =Vsense/Rg1
The IRg1 current flows is multiplied by a ratio K2 and the resulting current flows into resistor
Rg3. Therefore, the voltage drop on the Rg3 resistor can be calculated as follows.
VRg3 =Rg3.K2.IRg1 =(Rg3/Rg1).K2.Vsense=K1.K2.Vsense with K1=Rg3/Rg1=10.
The voltage across the Rg3 resistor is buffered to the Out pin by the voltage buffer, featuring
a gain equal to 2. Therefore Vout can be expressed as:
Vout = 2.K1.K2.Vsense = Av .Vsense with Av= 2.K1.K2
or: Vout = Av .Rsense.Iload
Common-mode voltage: 2.9 V to 70 V
AM06157
5 V
Vsense
Vout
Iload
Rsense
Vp
Vm
Out
Rg1
5K
Rg2
Current
multiplier
Sense
amplifier
Vcc+
TSC1031
A1
Vcc-
K2
2.5 or 5
µController
ADC
Vcc
Gnd
SEL
GPIO
Rg3
50K
x2
Rf2
Rf1
Rf3
Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com