Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335ML Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA335ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal®
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335ML Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA335ML Datasheet HTML 2Page - STMicroelectronics STA335ML Datasheet HTML 3Page - STMicroelectronics STA335ML Datasheet HTML 4Page - STMicroelectronics STA335ML Datasheet HTML 5Page - STMicroelectronics STA335ML Datasheet HTML 6Page - STMicroelectronics STA335ML Datasheet HTML 7Page - STMicroelectronics STA335ML Datasheet HTML 8Page - STMicroelectronics STA335ML Datasheet HTML 9Page - STMicroelectronics STA335ML Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical specifications
STA335ML
6/20
Doc ID 17638 Rev 4
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Recommended operating conditions
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply voltage (pins VCC1, VCC2)
-
-
30
V
VL
Logic input interface
-0.3
-
4
V
VDD
Digital supply (pin VDD_DIG)
-
-
4
V
Top
Operating junction temperature
-20
-
150
°C
Tstg
Storage temperature
-40
-
150
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
RTh(j-case) Thermal resistance junction to case (thermal pad) -
1.5
2
°C/W
Tsd
Thermal shutdown junction temperature
140
-
150
°C
Thsd
Thermal shutdown hysteresis
18
20
22
°C
Tw
Thermal warning temperature
120
130
140
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply voltage (pins VCC1, VCC2)
5
-
26
V
VL
Logic input interface
2.7
3.3
3.6
V
VDD
Digital supply (pin VDD_DIG)
2.7
3.3
3.6
V
Tamb
Ambient temperature
-20
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com