Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335ML Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA335ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal®
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335ML Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA335ML Datasheet HTML 12Page - STMicroelectronics STA335ML Datasheet HTML 13Page - STMicroelectronics STA335ML Datasheet HTML 14Page - STMicroelectronics STA335ML Datasheet HTML 15Page - STMicroelectronics STA335ML Datasheet HTML 16Page - STMicroelectronics STA335ML Datasheet HTML 17Page - STMicroelectronics STA335ML Datasheet HTML 18Page - STMicroelectronics STA335ML Datasheet HTML 19Page - STMicroelectronics STA335ML Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package thermal characteristics
STA335ML
16/20
Doc ID 17638 Rev 4
6
Package thermal characteristics
Using a double layer PCB the thermal resistance junction to ambient with 2 copper ground
areas of 3 x 3 cm2 and with 16 via holes (see Figure 14) is 24 °C/W in natural air convection.
The dissipated power within the device depends primarily on the supply voltage, load
impedance and output modulation level.
The max estimated dissipated power for the STA335ML is:
Figure 14.
Double layer PCB with 2 copper ground areas and 16 via holes
Figure 15 shows the power derating curve for the PowerSSO-36 package on a board with
two copper areas of 2 x 2 cm2 and 3 x 3 cm2.
Figure 15.
PowerSSO-36 power derating curve
2 x 20 W into 8
Ω, at 18 V
Pd max is approximately 4 W
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA333BW
PSSO36
Copper Area 3x3 cm
and via holes
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA333ML
PSSO36
Copper Area 3x3 cm
and via holes
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA333BW
PSSO36
Copper Area 3x3 cm
and via holes
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA333BW
PSSO36
Copper Area 3x3 cm
and via holes
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA333ML
PSSO36
Copper Area 3x3 cm
and via holes
STA335ML
PowerSSO-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com