Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335ML Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA335ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal®
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335ML Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA335ML Datasheet HTML 5Page - STMicroelectronics STA335ML Datasheet HTML 6Page - STMicroelectronics STA335ML Datasheet HTML 7Page - STMicroelectronics STA335ML Datasheet HTML 8Page - STMicroelectronics STA335ML Datasheet HTML 9Page - STMicroelectronics STA335ML Datasheet HTML 10Page - STMicroelectronics STA335ML Datasheet HTML 11Page - STMicroelectronics STA335ML Datasheet HTML 12Page - STMicroelectronics STA335ML Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STA335ML
Electrical specifications
Doc ID 17638 Rev 4
9/20
3.6
Power-on sequence
Figure 3.
Power-on sequence
3.7
Test circuits
Figure 4.
Resistive load
Figure 5.
Test circuit
Don’t care
VCC
XTI
RESET
PWRDN
TR
Don’t care
VDD_DIG
TR
Don’t care
Don’t care
TR
Don’t care
TR
Don’t care
TR = minimum time between XTI master clock stable and reset removal: 1 ms
Note 1: clock stable means: fmax - fmin < 1 MHz
Note 2: No specific VCC and VDD turn-on sequence is required.
Low current dead time = MAX(DTr,DTf)
OUTxY
Vcc
(3/4)Vcc
(1/2)Vcc
(1/4)Vcc
t
DTf
DTr
Duty cycle = 50%
INxY
OUTxY
gnd
+Vcc
M58
M57
R 8
Ω
+
-
V67 =
vdc = Vcc/2
D03AU1458
High current dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B))
+VCC
Rload=8
Ω
Q2
OUTB
DTout(B)
DTin(B)
DTout(A)
C71 470nF
C70
470nF
C69
470nF
Iout
Iout
Q4
Q1
Q3
INB
D03AU1517_00
INA
DTin(A)
Duty cycle=A
Duty cycle=B
Duty cycle A and B: Fixed to have DC output current of Iout in the direction shown in figure
L68 22
μ
L67 22
μ
OUTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com