Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335ML Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA335ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal®
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335ML Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA335ML Datasheet HTML 8Page - STMicroelectronics STA335ML Datasheet HTML 9Page - STMicroelectronics STA335ML Datasheet HTML 10Page - STMicroelectronics STA335ML Datasheet HTML 11Page - STMicroelectronics STA335ML Datasheet HTML 12Page - STMicroelectronics STA335ML Datasheet HTML 13Page - STMicroelectronics STA335ML Datasheet HTML 14Page - STMicroelectronics STA335ML Datasheet HTML 15Page - STMicroelectronics STA335ML Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Applications
STA335ML
12/20
Doc ID 17638 Rev 4
5
Applications
5.1
Applications schematic
Figure 10 on the next page shows the schematic of a typical application for the STA335ML.
Concerning the power supplies, take care when designing the PCB layout. In particular, the
3.3-
Ω resistors on the digital supplies (VDD_DIG) must be placed as close as possible to
the device. This helps to prevent parasitic oscillation in the digital part of the device due to
the inductive tracks of the PCB. The same rule applies for all the decoupling capacitors in
order to limit any spikes on the supply pins.
5.2
Internal voltage reference
An embedded voltage regulator produces the reference voltages for the DMOS bridge
driver. It requires two 100 nF capacitors to keep the regulator stable. The capacitors should
be place close to the pins.
Figure 8.
Reference voltage block diagram
5.3
PLL filter schematic
It is recommended to use the circuit in Figure 9 below for the PLL loop filter to achieve the
best performance from the device in general application. Note that the ground of this filter
scheme has to be connected to the ground of the PLL without any resistive path.
Concerning the component values, please take into account that the greater is the filter
bandwidth, the less is the lock time but the higher is the PLL output jitter.
Figure 9.
PLL applications schematic
VCC_REG
VSS_REG
VDD_REG
GND_REG
100 nF
100 nF
Regulator
Input
I2S
Driver P
Driver N
level
shifter
interface
GND
VCC
FILTER_PLL
GND_DIG
680 pF
2k2
4.7 nF
100 pF
GND_PLL
Ferrite bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com