Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335ML Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA335ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal®
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335ML Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA335ML Datasheet HTML 10Page - STMicroelectronics STA335ML Datasheet HTML 11Page - STMicroelectronics STA335ML Datasheet HTML 12Page - STMicroelectronics STA335ML Datasheet HTML 13Page - STMicroelectronics STA335ML Datasheet HTML 14Page - STMicroelectronics STA335ML Datasheet HTML 15Page - STMicroelectronics STA335ML Datasheet HTML 16Page - STMicroelectronics STA335ML Datasheet HTML 17Page - STMicroelectronics STA335ML Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Applications
STA335ML
14/20
Doc ID 17638 Rev 4
5.4
Typical output configuration
Figure 11, Figure 12 and Figure 13 show the typical output circuits used for the BTL stereo
mode. Please refer to the application note for all the other recommended output
configurations.
Figure 11.
Output configuration for stereo BTL mode (8 ohm)
OUT1A
100 nF
100 nF
100 nF
100 nF
6R2
6R2
330 pF
22R
OUT1B
22 µH
22 µH
Left
470 nF
OUT2A
100 nF
100 nF
100 nF
100 nF
6R2
6R2
330 pF
22R
OUT2B
22 µH
22 µH
Right
470 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com