Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335ML Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA335ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal®
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335ML Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA335ML Datasheet HTML 11Page - STMicroelectronics STA335ML Datasheet HTML 12Page - STMicroelectronics STA335ML Datasheet HTML 13Page - STMicroelectronics STA335ML Datasheet HTML 14Page - STMicroelectronics STA335ML Datasheet HTML 15Page - STMicroelectronics STA335ML Datasheet HTML 16Page - STMicroelectronics STA335ML Datasheet HTML 17Page - STMicroelectronics STA335ML Datasheet HTML 18Page - STMicroelectronics STA335ML Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STA335ML
Applications
Doc ID 17638 Rev 4
15/20
Figure 12.
Filterless output configuration
The filterless application is more critical in terms of EMI. It is quite important to follow the
suggestions below:
●
Tracks from amplifier to speaker should be as short as possible.
●
Ferrite beads can be used (instead of coils) to improve EMI performance.
–
Ferrite beads must have a low impedance in the audio band and high impedance
at high frequencies.
–
Place ferrite beads as close as possible to the IC.
–
Ferrite filters must reduce EMI above 1 MHz.
–
FCC and CE authorities test radiated emission above 30 MHz.
Figure 13.
Filterless output configuration with snubber network
The presence of snubber networks reduce the EMI. The snubber networks should be placed
as close as possible to the IC.
OUT1A
OUT1B
OUT2A
OUT2B
Right
Left
OUT1A
330 pF
22 R
OUT1B
OUT2A
330 pF
22 R
OUT2B
Right
Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com