Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STA3398
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STA3398 Datasheet HTML 69Page - STMicroelectronics STA3398 Datasheet HTML 70Page - STMicroelectronics STA3398 Datasheet HTML 71Page - STMicroelectronics STA3398 Datasheet HTML 72Page - STMicroelectronics STA3398 Datasheet HTML 73Page - STMicroelectronics STA3398 Datasheet HTML 74Page - STMicroelectronics STA3398 Datasheet HTML 75Page - STMicroelectronics STA3398 Datasheet HTML 76Page - STMicroelectronics STA3398 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
Revision history
STA339BW
76/77
Doc ID 15251 Rev 5
10
Revision history
Table 86.
Document revision history
Date
Revision
Changes
09-Dec-2008
1
Initial release
16-Feb-2009
2
Updated names/descriptions for pins 17-20 in Chapter 2 on page 12
Added cross reference to I2S interface setup in Section 3.6: Power
on/off sequence on page 18
Updated text and Figure 22: Application diagram on page 71
Updated Section 7.2: PLL filter on page 71
01-Apr-2009
3
Updated Y dimension in Table 85: PowerSSO-36 EPD dimensions
on page 74
15-May-2009
4
Updated Chapter 1 on page 10 to “8 programmable 28-bit biquads”
Updated Iil and Iih in Table 6: Electrical specifications - digital section
on page 15
Updated Ilim and Isc in Table 7: Electrical specifications - power
section on page 16
Updated register FDRC addresses in Section 6.1.5: Fault detect
recovery bypass on page 29
Updated bits 4 and 5 in Table 73: Status register bits on page 64.
04-Aug-2010
5
Updated order code in Table 1: Device summary on page 1
Updated name of Chapter 9 on page 74 to Package mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com