Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA3398
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA3398 Datasheet HTML 40Page - STMicroelectronics STA3398 Datasheet HTML 41Page - STMicroelectronics STA3398 Datasheet HTML 42Page - STMicroelectronics STA3398 Datasheet HTML 43Page - STMicroelectronics STA3398 Datasheet HTML 44Page - STMicroelectronics STA3398 Datasheet HTML 45Page - STMicroelectronics STA3398 Datasheet HTML 46Page - STMicroelectronics STA3398 Datasheet HTML 47Page - STMicroelectronics STA3398 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
Register description
STA339BW
44/77
Doc ID 15251 Rev 5
6.6.2
Invalid input detect mute enable
Setting the IDE bit enables this function, which looks at the input I2S data and automatically
mutes if the signals are perceived as invalid.
6.6.3
Binary output mode clock loss detection
Detects loss of input MCLK in binary mode and will output 50% duty cycle.
6.6.4
LRCK double trigger protection
Actively prevents double trigger of LRCLK.
6.6.5
Auto EAPD on clock loss
When active, issues a power device power down signal (EAPD) on clock loss detection.
6.6.6
IC power down
The PWDN register is used to place the IC in a low-power state. When PWDN is written
as 0, the output begins a soft-mute. After the mute condition is reached, EAPD is asserted
to power down the power-stage, then the master clock to all internal hardware expect the
I2C block is gated. This places the IC in a very low power consumption state.
Table 46.
Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2R/W
1
IDE
Setting of 1 enables the automatic invalid input
detect mute
Table 47.
Binary output mode clock loss detection
Bit
R/W
RST
Name
Description
3
R/W
1
BCLE
Binary output mode clock loss detection enable
Table 48.
LRCK double trigger protection
Bit
R/W
RST
Name
Description
4
R/W
1
LDTE
LRCLK double trigger protection enable
Table 49.
Auto EAPD on clock loss
Bit
R/W
RST
Name
Description
5
R/W
0
ECLE
Auto EAPD on clock loss
Table 50.
IC power down
Bit
R/W
RST
Name
Description
7R/W
1
PWDN
0: IC power down low-power condition
1: IC normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com