Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA3398
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA3398 Datasheet HTML 10Page - STMicroelectronics STA3398 Datasheet HTML 11Page - STMicroelectronics STA3398 Datasheet HTML 12Page - STMicroelectronics STA3398 Datasheet HTML 13Page - STMicroelectronics STA3398 Datasheet HTML 14Page - STMicroelectronics STA3398 Datasheet HTML 15Page - STMicroelectronics STA3398 Datasheet HTML 16Page - STMicroelectronics STA3398 Datasheet HTML 17Page - STMicroelectronics STA3398 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
Electrical specifications
STA339BW
14/77
Doc ID 15251 Rev 5
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
Stresses beyond those listed in Table 3 above may cause
permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated under
“Recommended operating conditions” are not implied.
Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability. In the real
application, power supplies with nominal values rated within
the recommended operating conditions, may experience
some rising beyond the maximum operating conditions for a
short time when no or very low current is sinked (amplifier in
mute state). In this case the reliability of the device is
guaranteed, provided that the absolute maximum ratings are
not exceeded.
3.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply voltage (VCCxA, VCCxB)
-0.3
-
30
V
VDD_DIG Digital supply voltage
-0.3
-
4
V
VDD_PLL PLL supply voltage
-0.3
-
4
V
Top
Operating junction temperature
-20
-
150
°C
Tstg
Storage temperature
-40
-
150
°C
Table 4.
Thermal data
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance junction-case (thermal pad)
-
-
1.5
°C/W
Rth j-amb
Thermal resistance junction-ambient (1)
1.
See Section 8: Package thermal characteristics on page 73 for details.
--
-°C/W
Tth-sdj
Thermal shut-down junction temperature
-
150
-
°C
Tth-w
Thermal warning temperature
-
130
-
°C
Tth-sdh
Thermal shut-down hysteresis
-
20
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com