Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA3398
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA3398 Datasheet HTML 34Page - STMicroelectronics STA3398 Datasheet HTML 35Page - STMicroelectronics STA3398 Datasheet HTML 36Page - STMicroelectronics STA3398 Datasheet HTML 37Page - STMicroelectronics STA3398 Datasheet HTML 38Page - STMicroelectronics STA3398 Datasheet HTML 39Page - STMicroelectronics STA3398 Datasheet HTML 40Page - STMicroelectronics STA3398 Datasheet HTML 41Page - STMicroelectronics STA3398 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
Register description
STA339BW
38/77
Doc ID 15251 Rev 5
6.6
Configuration register F (addr 0x05)
6.6.1
Output configuration
Note:
To the left of the arrow is the processing channel. When using channel output mapping, any
of the three processing channel outputs can be used for any of the three inputs.
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
OCFG1
OCFG0
01
01
110
0
Table 44.
Output configuration
Bit
R/W
RST
Name
Description
0
R/W
0
OCFG0
Selects the output configuration
1
R/W
0
OCFG1
Table 45.
Output configuration engine selection
OCFG[1:0]
Output configuration
Config pin
00
2 channel (full-bridge) power, 2 channel data-out:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
LineOut1
→ 3A/3B
LineOut2
→ 4A/4B
Line Out Configuration determined by LOC register
0
01
2(Half-Bridge).1(Full-Bridge) On-Board Power:
1A
→ 1A
Binary 0 °
2A
→ 1B
Binary 90°
3A/3B
→ 2A/2B Binary 45°
1A/B
→ 3A/B
Binary 0°
2A/B
→ 4A/B
Binary 90°
0
10
2 Channel (Full-Bridge) Power, 1 Channel FFX:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
3A/3B
→ 3A/3B
EAPDEXT and TWARNEXT Active
0
11
1 Channel Mono-Parallel:
3A
→ 1A/1B
w/ C3BO 45°
3B
→ 2A/2B
w/ C3BO 45°
1A/1B
→ 3A/3B
2A/2B
→ 4A/4B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com