Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA3398
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA3398 Datasheet HTML 32Page - STMicroelectronics STA3398 Datasheet HTML 33Page - STMicroelectronics STA3398 Datasheet HTML 34Page - STMicroelectronics STA3398 Datasheet HTML 35Page - STMicroelectronics STA3398 Datasheet HTML 36Page - STMicroelectronics STA3398 Datasheet HTML 37Page - STMicroelectronics STA3398 Datasheet HTML 38Page - STMicroelectronics STA3398 Datasheet HTML 39Page - STMicroelectronics STA3398 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
Register description
STA339BW
36/77
Doc ID 15251 Rev 5
6.4.8
Submix mode enable
6.5
Configuration register E (addr 0x04)
6.5.1
Max power correction variable
6.5.2
Max power correction
Setting the MPC bit turns on special processing that corrects the STA339BW power device
at high power. This mode should lower the THD+N of a full FFX system at maximum power
output and slightly below. If enabled, MPC is operational in all output modes except tapered
(OM[1,0] = 01) and binary. When OCFG = 00, MPC will not effect channels 3 and 4, the line-
out channels.
6.5.3
Noise-shaper bandwidth selection
Table 35.
Submix mode enable
Bit
R/W
RST
Name
Description
7R/W
0
SME
0: Sub Mix into Left/Right disabled
1: Sub Mix into Left/Right enabled
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
11
00
001
0
Table 36.
Max power correction variable
Bit
R/W
RST
Name
Description
0R/W
0
MPCV
0: Use standard MPC coefficient
1: Use MPCC bits for MPC coefficient
Table 37.
Max power correction
Bit
R/W
RST
Name
Description
1R/W
1
MPC
Setting of 1 enables Power Bridge correction for
THD reduction near maximum power output.
Table 38.
Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2
R/W
0
NSBW
1: Third order NS
0: Fourth order NS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com