Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA3398
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA3398 Datasheet HTML 33Page - STMicroelectronics STA3398 Datasheet HTML 34Page - STMicroelectronics STA3398 Datasheet HTML 35Page - STMicroelectronics STA3398 Datasheet HTML 36Page - STMicroelectronics STA3398 Datasheet HTML 37Page - STMicroelectronics STA3398 Datasheet HTML 38Page - STMicroelectronics STA3398 Datasheet HTML 39Page - STMicroelectronics STA3398 Datasheet HTML 40Page - STMicroelectronics STA3398 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
STA339BW
Register description
Doc ID 15251 Rev 5
37/77
6.5.4
AM mode enable
STA339BW features aFFX processing mode that minimizes the amount of noise generated
in frequency range of AM radio. This mode is intended for use when FFX is operating in a
device with an AM tuner active. The SNR of the FFX processing is reduced to approximately
83 dB in this mode, which is still greater than the SNR of AM radio.
6.5.5
PWM speed mode
6.5.6
Distortion compensation variable enable
6.5.7
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks are audible.
6.5.8
Soft volume update enable
Table 39.
AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0
AME
0: Normal FFX operation.
1: AM reduction mode FFX operation
Table 40.
PWM speed mode
Bit
R/W
RST
Name
Description
4R/W
0
PWMS
0: Normal speed (384 kHz) all channels
1: Odd speed (341.3 kHz) all channels
Table 41.
Distortion compensation variable enable
Bit
R/W
RST
Name
Description
5
R/W
0
DCCV
0: Use preset DC coefficient
1: Use DCC coefficient
Table 42.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6R/W
1
ZCE
1: Volume adjustments only occur at digital zero-
crossings
0: Volume adjustments occur immediately
Table 43.
Soft volume update enable
Bit
R/W
RST
Name
Description
7
R/W
1
SVE
1: Volume adjustments ramp according to SVR settings
0: Volume adjustments occur immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com